データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1302DL データシート(PDF) 1 Page - Vishay Telefunken

部品番号 SI1302DL
部品情報  N-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TFUNK [Vishay Telefunken]
ホームページ  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1302DL データシート(HTML) 1 Page - Vishay Telefunken

  SI1302DL Datasheet HTML 1Page - Vishay Telefunken SI1302DL Datasheet HTML 2Page - Vishay Telefunken SI1302DL Datasheet HTML 3Page - Vishay Telefunken SI1302DL Datasheet HTML 4Page - Vishay Telefunken SI1302DL Datasheet HTML 5Page - Vishay Telefunken SI1302DL Datasheet HTML 6Page - Vishay Telefunken SI1302DL Datasheet HTML 7Page - Vishay Telefunken SI1302DL Datasheet HTML 8Page - Vishay Telefunken SI1302DL Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
Si1302DL
Document Number: 71249
S10-2140-Rev. F, 20-Sep-10
www.vishay.com
1
N-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
Compliant to RoHS Directive 2002/95/EC
Notes:
a. Surface mounted on 1" x 1" FR4 board.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
30
0.480 at VGS = 10 V
0.64
0.700 at VGS = 4.5 V
0.53
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
5 s
Steady State
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
0.64
0.60
A
TA = 70 °C
0.51
0.48
Pulsed Drain Current
IDM
1.5
Continuous Diode Current (Diode Conduction)a
IS
0.26
0.23
Maximum Power Dissipationa
TA = 25 °C
PD
0.31
0.28
W
TA = 70 °C
0.20
0.18
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
5 s
RthJA
355
400
°C/W
Steady State
380
450
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
285
340
Marking Code
KA
XX
Lot Traceability
and Date Code
Part # Code
Ordering Information: Si1302DL-T1-E3 (Lead (Pb)-free)
Si1302DL-T1-GE3 (Lead (Pb)-free and Halogen-free)
SC-70 (3-LEADS)
1
2
3
Top View
G
S
D


同様の部品番号 - SI1302DL

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1302DL VISHAY-SI1302DL Datasheet
39Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 23-Oct-00
SI1302DL VISHAY-SI1302DL Datasheet
68Kb / 5P
   N-Channel 30-V (D-S) MOSFET
S-02367-Rev. C, 23-Oct-00
SI1302DL VISHAY-SI1302DL Datasheet
214Kb / 9P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 20-Sep-10
SI1302DL VISHAY-SI1302DL Datasheet
218Kb / 9P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 20-Sep-10
SI1302DL VISHAY-SI1302DL Datasheet
220Kb / 9P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI1302DL

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com