データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4914BDY データシート(PDF) 3 Page - Vishay Telefunken

部品番号 SI4914BDY
部品情報  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TFUNK [Vishay Telefunken]
ホームページ  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4914BDY データシート(HTML) 3 Page - Vishay Telefunken

  SI4914BDY Datasheet HTML 1Page - Vishay Telefunken SI4914BDY Datasheet HTML 2Page - Vishay Telefunken SI4914BDY Datasheet HTML 3Page - Vishay Telefunken SI4914BDY Datasheet HTML 4Page - Vishay Telefunken SI4914BDY Datasheet HTML 5Page - Vishay Telefunken SI4914BDY Datasheet HTML 6Page - Vishay Telefunken SI4914BDY Datasheet HTML 7Page - Vishay Telefunken SI4914BDY Datasheet HTML 8Page - Vishay Telefunken SI4914BDY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Document Number: 69654
S09-2109-Rev. E, 12-Oct-09
www.vishay.com
3
Vishay Siliconix
Si4914BDY
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
MOSFET SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Dynamica
Turn-On Delay Time
td(on)
Channel-1
VDD = 15 V, RL = 3 Ω
ID ≅ 5 A, VGEN = 10 V, Rg = 1 Ω
Channel-2
VDD = 15 V, RL = 3 Ω
ID ≅ 5 A, VGEN = 10 V, Rg = 1 Ω
Ch-1
9
18
ns
Ch-2
10
20
Rise Time
tr
Ch-1
10
20
Ch-2
9
18
Turn-Off Delay Time
td(off)
Ch-1
16
32
Ch-2
16
32
Fall Time
tf
Ch-1
9
18
Ch-2
8
16
Source-Drain Reverse Recovery Time
trr
IF = 2.2 A, dI/dt = 100 A/µs
Ch-1
35
55
IF = 2.2 A, dI/dt = 100 A/µs
Ch-2
21
35
Body Diode Reverse Recovery Charge
Qrr
IF = 2.2 A, dI/dt = 100 A/µs
Ch-1
40
nC
IF = 2.2 A, dI/dt = 100 A/µs
Ch-2
11
Reverse Recovery Fall Time
ta
IF = 2.2 A, dI/dt = 100 A/µs
Ch-1
19
ns
IF = 2.2 A, dI/dt = 100 A/µs
Ch-2
11
Reverse Recovery Rise Time
tb
IF = 2.2 A, dI/dt = 100 A/µs
Ch-1
16
IF = 2.2 A, dI/dt = 100 A/µs
Ch-2
10


同様の部品番号 - SI4914BDY

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI4914BDY VISHAY-SI4914BDY Datasheet
276Kb / 15P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. E, 12-Oct-09
SI4914BDY VISHAY-SI4914BDY Datasheet
211Kb / 14P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI4914BDY-T1-E3 VISHAY-SI4914BDY-T1-E3 Datasheet
276Kb / 15P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. E, 12-Oct-09
SI4914BDY-T1-GE3 VISHAY-SI4914BDY-T1-GE3 Datasheet
276Kb / 15P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. E, 12-Oct-09
SI4914BDY VISHAY-SI4914BDY_V01 Datasheet
211Kb / 14P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
More results

同様の説明 - SI4914BDY

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com