データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIZ902DT データシート(PDF) 3 Page - Vishay Telefunken

部品番号 SIZ902DT
部品情報  Dual N-Channel 30 V (D-S) MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TFUNK [Vishay Telefunken]
ホームページ  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIZ902DT データシート(HTML) 3 Page - Vishay Telefunken

  SIZ902DT Datasheet HTML 1Page - Vishay Telefunken SIZ902DT Datasheet HTML 2Page - Vishay Telefunken SIZ902DT Datasheet HTML 3Page - Vishay Telefunken SIZ902DT Datasheet HTML 4Page - Vishay Telefunken SIZ902DT Datasheet HTML 5Page - Vishay Telefunken SIZ902DT Datasheet HTML 6Page - Vishay Telefunken SIZ902DT Datasheet HTML 7Page - Vishay Telefunken SIZ902DT Datasheet HTML 8Page - Vishay Telefunken SIZ902DT Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Document Number: 63465
S11-2380 Rev. B, 28-Nov-11
www.vishay.com
3
Vishay Siliconix
SiZ902DT
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
 300 µs, duty cycle  2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Dynamica
Turn-On Delay Time
td(on)
Channel-1
VDD = 15 V, RL = 1.5 
ID  10 A, VGEN = 4.5 V, Rg = 1 
Channel-2
VDD = 15 V, RL = 1.5 
ID  10 A, VGEN = 4.5 V, Rg = 1 
Ch-1
15
30
ns
Ch-2
23
50
Rise Time
tr
Ch-1
12
20
Ch-2
20
40
Turn-Off Delay Time
td(off)
Ch-1
20
40
Ch-2
35
70
Fall Time
tf
Ch-1
10
20
Ch-2
10
20
Turn-On Delay Time
td(on)
Channel-1
VDD = 15 V, RL = 1.5 
ID  10 A, VGEN = 10 V, Rg = 1 
Channel-2
VDD = 15 V, RL = 1.5 
ID  10 A, VGEN = 10 V, Rg = 1 
Ch-1
10
20
Ch-2
22
25
Rise Time
tr
Ch-1
12
20
Ch-2
10
20
Turn-Off Delay Time
td(off)
Ch-1
20
40
Ch-2
35
70
Fall Time
tf
Ch-1
10
20
Ch-2
10
20
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
Ch-1
16
A
Ch-2
16
Pulse Diode Forward Currenta
ISM
Ch-1
50
Ch-2
80
Body Diode Voltage
VSD
IS = 10 A, VGS = 0 V
Ch-1
0.85
1.2
V
IS = 10 A, VGS = 0 V
Ch-2
0.8
1.2
Body Diode Reverse Recovery Time
trr
Channel-1
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
Channel-2
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
Ch-1
20
40
ns
Ch-2
25
50
Body Diode Reverse Recovery Charge
Qrr
Ch-1
10
20
nC
Ch-2
13
25
Reverse Recovery Fall Time
ta
Ch-1
11
ns
Ch-2
12
Reverse Recovery Rise Time
tb
Ch-1
9
Ch-2
13


同様の部品番号 - SIZ902DT

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIZ902DT VISHAY-SIZ902DT Datasheet
222Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ902DT VISHAY-SIZ902DT Datasheet
231Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
09-Jul-2021
SIZ902DT-T1-GE3 VISHAY-SIZ902DT-T1-GE3 Datasheet
231Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
09-Jul-2021
SIZ902DT VISHAY-SIZ902DT_V01 Datasheet
231Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
09-Jul-2021
More results

同様の説明 - SIZ902DT

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIZ300DT VISHAY-SIZ300DT_12 Datasheet
330Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. D, 11-Jun-12
SIZ920DT VISHAY-SIZ920DT Datasheet
212Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. A, 30-Apr-12
SIZ902DT VISHAY-SIZ902DT Datasheet
222Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ998DT VISHAY-SIZ998DT Datasheet
244Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ918DT VISHAY-SIZ918DT_V01 Datasheet
226Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ300DT VISHAY-SIZ300DT Datasheet
269Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 15-Aug-11
SIZ200DT VISHAY-SIZ200DT Datasheet
308Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ900DT VISHAY-SIZ900DT_V01 Datasheet
209Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
08-Feb-17
SIZ904DT VISHAY-SIZ904DT_V01 Datasheet
238Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
09-Jul-2021
SIZ910DT VISHAY-SIZ910DT_V01 Datasheet
167Kb / 12P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com