データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P5968 データシート(PDF) 1 Page - Hamamatsu Corporation

部品番号 P5968
部品情報  InSb photovoltaic detectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HAMAMATSU [Hamamatsu Corporation]
ホームページ  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P5968 データシート(HTML) 1 Page - Hamamatsu Corporation

  P5968_15 Datasheet HTML 1Page - Hamamatsu Corporation P5968_15 Datasheet HTML 2Page - Hamamatsu Corporation P5968_15 Datasheet HTML 3Page - Hamamatsu Corporation P5968_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
InSb photovoltaic detectors
P5968/P4247 series
High-speed response, low-noise photovoltaic
detectors
www.hamamatsu.com
1
Structure/Absolute maximum ratings
Type no.
Dimensional
outline/
Window
material *1
Package
Cooling
Active area
Number of
element
Absolute maximum ratings
Reverse
voltage
VR
Operating
temperature
Topr
Storage
temperature
Tstg
(mm)
(V)
(°C)
(°C)
P5968-060
/Si
Metal dewar
Liquid
nitrogen
φ0.6
1
0.5
-40 to +60 -55 to +60
P5968-100
φ11
P5968-200
φ21
P5968-300
φ31
P4247-16
/Si
0.25 × 1.4*2
1 × 16
P4247-44
0.45 × 0.45*3
4 × 4
*
1: Window material Si=silicon (with AR coated)
*
2: Size per 1 element (16 element array)
*
3: Size per 1 element (4 × 4 element array)
Note: Absolute maximum ratings are the values that must not be exceeded at any time. If even one of the absolute maximum ratings
is exceeded even for a moment, the product quality may be impaired. Always be sure to use the product within the absolute
maximum ratings.
Cooling hold time: 8 hours
Repumpable metal dewars (liquid nitrogen cooling)
allow 8-hour hold time.
Thermometers (radiometers)
Amplifier for InSb photovoltaic detector
C4159-01 (photosensitive aera: smaller than φ1 mm)
C4159-04 (photosensitive area: φ2 mm)
[Custom amplifier is also available for use
with P5968-300 (φ3 mm type).]
Thermal imaging
Remote sensing
Built-in preamp type available
Built-in preamp allows high precision photometry.
P7751-01 (Uses P5968-060.)
P7751-02 (Uses P5968-200.)
Gas analysis
FTIR
Spectrophotometry
Features
Applications
Accessories (sold separately)
The P5968/P4247 series are photovoltaic detectors having high sensitivity in the so-called atmospheric window at 3 to 5 μm.
Custom devices are also available to meet your special request.


同様の部品番号 - P5968_15

メーカー部品番号データシート部品情報
logo
Hamamatsu Corporation
P5968-100 HAMAMATSU-P5968-100 Datasheet
170Kb / 4P
   InSb photovoltaic detector
P5968-105 HAMAMATSU-P5968-105 Datasheet
170Kb / 4P
   InSb photovoltaic detector
More results

同様の説明 - P5968_15

メーカー部品番号データシート部品情報
logo
Hamamatsu Corporation
P6606 HAMAMATSU-P6606_15 Datasheet
822Kb / 5P
   InSb photoconductive detectors
P5968-060 HAMAMATSU-P5968-060 Datasheet
170Kb / 4P
   InSb photovoltaic detector
P13243 HAMAMATSU-P13243_15 Datasheet
225Kb / 4P
   InAsSb photovoltaic detectors
P10090 HAMAMATSU-P10090_15 Datasheet
212Kb / 6P
   InAs photovoltaic detectors
logo
VIGO Photonics S.A.
PV-SERIES VIGO-PV-SERIES Datasheet
696Kb / 2P
   2.5 – 6.5 μm HgCdTe ambient temperature photovoltaic detectors
17/11/2020
PV-2TE VIGO-PV-2TE Datasheet
794Kb / 2P
   2.0 – 12.0 μm HgCdTe two-stage thermoelectrically cooled photovoltaic detectors
17/11/2020
PVA VIGO-PVA Datasheet
637Kb / 2P
   2.4 – 5.3 μm InAs and InAsSb ambient temperature photovoltaic detectors
04/05/2022
PV-3TE VIGO-PV-3TE Datasheet
792Kb / 2P
   2.0 – 12.0 μm HgCdTe three-stage thermoelectrically cooled photovoltaic detectors
17/11/2020
PVI VIGO-PVI Datasheet
700Kb / 2P
   2.5 – 6.5 μm HgCdTe ambient temperature, optically immersed photovoltaic detectors
25/09/2020
PVM VIGO-PVM Datasheet
695Kb / 2P
   2.0 – 13.0 μm HgCdTe ambient temperature photovoltaic multiple junction detectors
09/11/2020
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com