データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB-SA-1000 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 LB-SA-1000
部品情報  Thermally Conductive, One-Part,Liquid Silicone Adhesive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LB-SA-1000 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  LB-SA-1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers LB-SA-1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Liqui-Bond® SA 1000 is a thermally
conductive, one-part liquid silicone
adhesive with a low viscosity for easy
screenability. Liqui-Bond® SA 1000
features a high thermal performance and
maintains it’s structure even in severe
environment applications.
Liqui-Bond® SA 1000 features excellent
low and high-temperature mechanical
and chemical stability.The material’s
mild elastic properties assist in relieving
CTE stresses during thermal cycling.
Liqui-Bond® SA 1000 contains no cure
by-products, cures at elevated
temperatures and requires refrigeration
storage at 10°C.The material is
available in both tube and mid-sized
container forms.
Note: To build a part number, visit our
website at www.bergquistcompany.com.
Liqui-Bond® SA 1000 (One-Part)
TYPICAL APPLICATIONS INCLUDE
• PCBA to housing
• Discrete component to heat spreader
CONFIGURATIONS AVAILABLE
• With or without glass beads
PDS_LB_SA 1000_March 2012
FEATURES AND BENEFITS
• High thermal performance
• Eliminates need for mechanical fasteners
• Low viscosity for ease of screening
or stenciling
• Can achieve a very thin bond line
• Mechanical and chemical stability
• Maintains structural bond in
severe-environment applications
• Heat cure
PRODUCT DESCRIPTION
Thermally Conductive, One-Part,
Liquid Silicone Adhesive
March 2012
PROPERTY AS SUPPLIED
IMPERIAL VALUE
METRIC VALUE
TEST METHOD
Color
Black
Black
Visual
Viscosity (cps) (1)
125,000
125,000
ASTM D2196
Density (g/cc)
2.4
2.4
ASTM D792
Shelf Life @ 10°C (months)
6
6
PROPERTY AS CURED - PHYSICAL
Hardness (Shore A)
75
75
ASTM D2240
Continuous Use Temp (°F) / (°C)
-76 to 392
-60 to 200
Shear Strength (psi) / (MPa)
200
1.4
ASTM D1002
PROPERTY AS CURED - ELECTRICAL
Dielectric Strength (V/mil) / (V/mm)
250
10,000
ASTM D149
Dielectric Constant (1000 Hz)
5.5
5.5
ASTM D150
Volume Resistivity (Ohm-meter)
1010
1010
ASTM D257
Flame Rating
V-O
V-O
U.L.94
PROPERTY AS CURED - THERMAL
Thermal Conductivity (W/m-K)1.0
1.0ASTM D5470
CURE SCHEDULE
Pot Life @ 25°C (hours) (2)
10
10
Cure @ 125°C (minutes) (3)
20
20
Cure @ 150°C (minutes) (3)
10
10
1) Brookfield RV,Heli-path,Spindle TF @ 20 rpm, 25°C.
2) Based on 1/8" diameter bead.
3) Cure Schedule - time after cure temperature is achieved at the interface. Ramp time is application dependent.
TYPICAL PROPERTIES OF LIQUI-BOND SA 1000


同様の部品番号 - LB-SA-1000

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LB-SA-1800 ETC2-LB-SA-1800 Datasheet
384Kb / 2P
   Thermally Conductive, One-Part,Liquid Silicone Adhesive
More results

同様の説明 - LB-SA-1000

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LB-SA-2000 ETC2-LB-SA-2000 Datasheet
484Kb / 2P
   Thermally Conductive, One-Part,Liquid Silicone Adhesive
LB-SA-1800 ETC2-LB-SA-1800 Datasheet
384Kb / 2P
   Thermally Conductive, One-Part,Liquid Silicone Adhesive
LB-SA-3505 ETC2-LB-SA-3505 Datasheet
483Kb / 2P
   Thermally Conductive,Two-Part,Liquid Silicone Adhesive
LB-EA-1805 ETC2-LB-EA-1805 Datasheet
333Kb / 2P
   Thermally Conductive, Two-Part,Liquid Epoxy Adhesive
2815A ETC2-2815A Datasheet
333Kb / 3P
   THERMALLY CONDUCTIVE DIE ATTACH ADHESIVE
logo
3M Electronics
8805 3M-8805 Datasheet
175Kb / 7P
   Thermally Conductive Adhesive Transfer Tapes
logo
List of Unclassifed Man...
YG6111 ETC1-YG6111 Datasheet
107Kb / 4P
   Thermally Conductive Silicone Oil Compound
logo
3M Electronics
9882 3M-9882 Datasheet
213Kb / 5P
   3M??Thermally Conductive Adhesive Transfer Tapes
TC-2810 3M-TC-2810 Datasheet
234Kb / 4P
   3M??Thermally Conductive Epoxy Adhesive TC-2810
TC-2707 3M-TC-2707 Datasheet
239Kb / 4P
   3M??Thermally Conductive Epoxy Adhesive TC-2707
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com