データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4840BD データシート(PDF) 2 Page - Vishay Telefunken

部品番号 SI4840BD
部品情報  N-Channel 40-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TFUNK [Vishay Telefunken]
ホームページ  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4840BD データシート(HTML) 2 Page - Vishay Telefunken

  SI4840BD Datasheet HTML 1Page - Vishay Telefunken SI4840BD Datasheet HTML 2Page - Vishay Telefunken SI4840BD Datasheet HTML 3Page - Vishay Telefunken SI4840BD Datasheet HTML 4Page - Vishay Telefunken SI4840BD Datasheet HTML 5Page - Vishay Telefunken SI4840BD Datasheet HTML 6Page - Vishay Telefunken SI4840BD Datasheet HTML 7Page - Vishay Telefunken SI4840BD Datasheet HTML 8Page - Vishay Telefunken SI4840BD Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 69795
S09-0532-Rev. C, 06-Apr-09
Vishay Siliconix
Si4840BDY
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
40
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
40
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 6
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
13
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 40 V, VGS = 0 V
1
µA
VDS = 40 V, VGS = 0 V, TJ = 55 °C
5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
50
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 12.4 A
0.0074
0.009
Ω
VGS = 4.5 V, ID = 10.8 A
0.0095
0.012
Forward Transconductancea
gfs
VDS = 15 V, ID = 12.4 A
56
S
Dynamicb
Input Capacitance
Ciss
VDS = 20 V, VGS = 0 V, f = 1 MHz
2000
pF
Output Capacitance
Coss
260
Reverse Transfer Capacitance
Crss
150
Total Gate Charge
Qg
VDS = 10 V, VGS = 10 V, ID = 12.4 A
33
50
nC
VDS = 10 V, VGS = 4.5 V, ID = 12.4 A
15
23
Gate-Source Charge
Qgs
6.7
Gate-Drain Charge
Qgd
5.1
Gate Resistance
Rg
f = 1 MHz
1.4
2.1
Ω
Turn-On Delay Time
td(on)
VDD = 20 V, RL = 2 Ω
ID ≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω
25
40
ns
Rise Time
tr
12
20
Turn-Off Delay Time
td(off)
25
40
Fall Time
tf
10
15
Turn-On Delay Time
td(on)
VDD = 20 V, RL = 2 Ω
ID ≅ 10 A, VGEN = 10 V, Rg = 1 Ω
10
15
Rise Time
tr
15
25
Turn-Off Delay Time
td(off)
30
45
Fall Time
tf
10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
30
A
Pulse Diode Forward Current
ISM
50
Body Diode Voltage
VSD
IS = 10 A, VGS = 0 V
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
30
60
ns
Body Diode Reverse Recovery Charge
Qrr
26
52
nC
Reverse Recovery Fall Time
ta
17.5
ns
Reverse Recovery Rise Time
tb
12.5


同様の部品番号 - SI4840BD

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI4840BDY VISHAY-SI4840BDY Datasheet
240Kb / 10P
   N-Channel 40-V (D-S) MOSFET
Rev. C, 06-Apr-09
SI4840BDY-T1-E3 VISHAY-SI4840BDY-T1-E3 Datasheet
240Kb / 10P
   N-Channel 40-V (D-S) MOSFET
Rev. C, 06-Apr-09
logo
VBsemi Electronics Co.,...
SI4840BDY-T1-E3 VBSEMI-SI4840BDY-T1-E3 Datasheet
1Mb / 9P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI4840BDY-T1-E3 VISHAY-SI4840BDY-T1-E3 Datasheet
221Kb / 9P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI4840BDY-T1-GE3 VISHAY-SI4840BDY-T1-GE3 Datasheet
240Kb / 10P
   N-Channel 40-V (D-S) MOSFET
Rev. C, 06-Apr-09
More results

同様の説明 - SI4840BD

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com