データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI7370DP データシート(PDF) 2 Page - Vishay Telefunken

部品番号 SI7370DP
部品情報  N-Channel 60-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TFUNK [Vishay Telefunken]
ホームページ  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7370DP データシート(HTML) 2 Page - Vishay Telefunken

  SI7370DP Datasheet HTML 1Page - Vishay Telefunken SI7370DP Datasheet HTML 2Page - Vishay Telefunken SI7370DP Datasheet HTML 3Page - Vishay Telefunken SI7370DP Datasheet HTML 4Page - Vishay Telefunken SI7370DP Datasheet HTML 5Page - Vishay Telefunken SI7370DP Datasheet HTML 6Page - Vishay Telefunken SI7370DP Datasheet HTML 7Page - Vishay Telefunken SI7370DP Datasheet HTML 8Page - Vishay Telefunken SI7370DP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 71874
S09-0270-Rev. F, 16-Feb-09
Vishay Siliconix
Si7370DP
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
2.0
4.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
µA
VDS = 60 V, VGS = 0 V, TJ = 55°C
5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
50
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 12 A
0.009
0.011
Ω
VGS = 6.0 V, ID = 10 A
0.0105
0.013
Forward Transconductancea
gfs
VDS = 15 V, ID = 10 A
50
S
Diode Forward Voltagea
VSD
IS = 3.0 A, VGS = 0 V
0.75
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 30 V, VGS = 10 V, ID = 12 A
46
57
nC
Gate-Source Charge
Qgs
11.5
Gate-Drain Charge
Qgd
11.5
Gate Resistance
Rg
0.20.851.2
Ω
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 30 Ω
ID ≅ 1.0 A, VGEN = 10 V, RG = 6 Ω
16
25
ns
Rise Time
tr
12
18
Turn-Off Delay Time
td(off)
50
75
Fall Time
tf
30
45
Source-Drain Reverse Recovery Time
trr
IF = 3.0 A, dI/dt = 100 A/µs
40
60
Output Characteristics
0
10
20
30
40
50
02468
10
VGS = 10 V thru 5 V
VDS - Drain-to-Source Voltage (V)
4 V
2 V, 3 V
Transfer Characteristics
0
10
20
30
40
50
0123456
TC = 125˚C
-55
˚C
25
˚C
VGS - Gate-to-Source Voltage (V)


同様の部品番号 - SI7370DP

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7370DP VISHAY-SI7370DP Datasheet
56Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 05-Jul-04
SI7370DP-T1 VISHAY-SI7370DP-T1 Datasheet
56Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 05-Jul-04
SI7370DP-T1-E3 VISHAY-SI7370DP-T1-E3 Datasheet
56Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 05-Jul-04
SI7370DP-T1-E3 VISHAY-SI7370DP-T1-E3 Datasheet
367Kb / 12P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI7370DP-T1-GE3 VISHAY-SI7370DP-T1-GE3 Datasheet
367Kb / 12P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI7370DP

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com