データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4559ADY データシート(PDF) 3 Page - Vishay Telefunken

部品番号 SI4559ADY
部品情報  N- and P-Channel 60-V (D-S) MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TFUNK [Vishay Telefunken]
ホームページ  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4559ADY データシート(HTML) 3 Page - Vishay Telefunken

  SI4559ADY Datasheet HTML 1Page - Vishay Telefunken SI4559ADY Datasheet HTML 2Page - Vishay Telefunken SI4559ADY Datasheet HTML 3Page - Vishay Telefunken SI4559ADY Datasheet HTML 4Page - Vishay Telefunken SI4559ADY Datasheet HTML 5Page - Vishay Telefunken SI4559ADY Datasheet HTML 6Page - Vishay Telefunken SI4559ADY Datasheet HTML 7Page - Vishay Telefunken SI4559ADY Datasheet HTML 8Page - Vishay Telefunken SI4559ADY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Document Number: 73624
S09-0393-Rev. B, 09-Mar-09
www.vishay.com
3
Vishay Siliconix
Si4559ADY
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Dynamica
Turn-On Delay Time
td(on)
N-Channel
VDD = 30 V, RL = 8.8 Ω
ID ≅ 3.4 A, VGEN = 4.5 V, Rg = 1 Ω
P-Channel
VDD = - 30 V, RL = 12.5 Ω
ID ≅ - 2.4 A, VGEN = - 4.5 V, Rg = 1 Ω
N-Ch
15
25
ns
P-Ch
30
45
Rise Time
tr
N-Ch
65
100
P-Ch
70
105
Turn-Off Delay Time
td(off)
N-Ch
15
25
P-Ch
40
60
Fall Time
tf
N-Ch
10
15
P-Ch
30
45
Turn-On Delay Time
td(on)
N-Channel
VDD = 30 V, RL = 8.8 Ω
ID ≅ 3.4 A, VGEN = 10 V, Rg = 1 Ω
P-Channel
VDD = - 30 V, RL = 12.5 Ω
ID ≅ - 2.4 A, VGEN = - 10 V, Rg = 1 Ω
N-Ch
10
15
P-Ch
10
15
Rise Time
tr
N-Ch
15
25
P-Ch
13
20
Turn-Off Delay Time
td(off)
N-Ch
20
30
P-Ch
35
55
Fall Time
tf
N-Ch
10
15
P-Ch
30
45
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
N-Ch
2.6
A
P-Ch
- 2.8
Pulse Diode Forward Currenta
ISM
N-Ch
20
P-Ch
- 25
Body Diode Voltage
VSD
IS = 1.7 A
N-Ch
0.8
1.2
V
IS = - 2 A
P-Ch
- 0.8
- 1.2
Body Diode Reverse Recovery Time
trr
N-Channel
IF = 1.7 A, dI/dt = 100 A/µs, TJ = 25 °C
P-Channel
IF = - 2 A, dI/dt = - 100 A/µs, TJ = 25 °C
N-Ch
30
60
ns
P-Ch
30
50
Body Diode Reverse Recovery Charge
Qrr
N-Ch
32
50
nC
P-Ch
35
60
Reverse Recovery Fall Time
ta
N-Ch
25
ns
P-Ch
16
Reverse Recovery Rise Time
tb
N-Ch
5
P-Ch
14


同様の部品番号 - SI4559ADY

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI4559ADY VISHAY-SI4559ADY Datasheet
137Kb / 12P
   N- and P-Channel 60-V (D-S) MOSFET
Rev. A, 02-Jan-06
SI4559ADY VISHAY-SI4559ADY Datasheet
275Kb / 15P
   N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 09-Mar-09
logo
SHENZHEN DOINGTER SEMIC...
SI4559ADY DOINGTER-SI4559ADY Datasheet
3Mb / 7P
   N-Chanel and P-Channel MOSFET useadvanced trench Technology
logo
Vishay Siliconix
SI4559ADY VISHAY-SI4559ADY Datasheet
253Kb / 14P
   N- and P-Channel 60 V (D-S) MOSFET
01-Jan-2022
Si4559ADY-T1-E3 VISHAY-Si4559ADY-T1-E3 Datasheet
275Kb / 15P
   N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 09-Mar-09
More results

同様の説明 - SI4559ADY

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI4559ADY VISHAY-SI4559ADY_09 Datasheet
275Kb / 15P
   N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 09-Mar-09
logo
VBsemi Electronics Co.,...
IRF7343TRPBF VBSEMI-IRF7343TRPBF Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
UTM4052L-S08-R VBSEMI-UTM4052L-S08-R Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
P3304QV VBSEMI-P3304QV Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
ZXMC6A09DN8TA VBSEMI-ZXMC6A09DN8TA Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
SSG4543C VBSEMI-SSG4543C Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8455 VBSEMI-STM8455 Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8458 VBSEMI-STM8458 Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8450A VBSEMI-STM8450A Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
AP4575GM VBSEMI-AP4575GM Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
4563GM VBSEMI-4563GM Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com