データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI7414DN データシート(PDF) 4 Page - Vishay Telefunken

部品番号 SI7414DN
部品情報  N-Channel 60-V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TFUNK [Vishay Telefunken]
ホームページ  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7414DN データシート(HTML) 4 Page - Vishay Telefunken

  SI7414DN Datasheet HTML 1Page - Vishay Telefunken SI7414DN Datasheet HTML 2Page - Vishay Telefunken SI7414DN Datasheet HTML 3Page - Vishay Telefunken SI7414DN Datasheet HTML 4Page - Vishay Telefunken SI7414DN Datasheet HTML 5Page - Vishay Telefunken SI7414DN Datasheet HTML 6Page - Vishay Telefunken SI7414DN Datasheet HTML 7Page - Vishay Telefunken SI7414DN Datasheet HTML 8Page - Vishay Telefunken SI7414DN Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
4
Document Number: 71738
S-83043-Rev. D, 22-Dec-08
Vishay Siliconix
Si7414DN
TYPICAL CHARACTERISTICS
TA = 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?71738.
Threshold Voltage
- 0.8
- 0.6
- 0.4
- 0.2
0.0
0.2
0.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
Single Pulse Power, Junction-to-Ambient
0.01
0
1
40
50
10
600
Time (s)
30
20
0.1
10
100
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 65 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Case
10-3
10-2
1
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)


同様の部品番号 - SI7414DN

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7414DN VISHAY-SI7414DN Datasheet
48Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 08-Oct-01
SI7414DN VISHAY-SI7414DN Datasheet
566Kb / 11P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 22-Dec-08
SI7414DN VISHAY-SI7414DN Datasheet
533Kb / 11P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 22-Dec-08
SI7414DN VISHAY-SI7414DN Datasheet
531Kb / 11P
   N-Channel 60-V (D-S) MOSFET
01-Jan-2022
SI7414DN-T1-E3 VISHAY-SI7414DN-T1-E3 Datasheet
566Kb / 11P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 22-Dec-08
More results

同様の説明 - SI7414DN

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com