データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI7308DN データシート(PDF) 1 Page - Vishay Telefunken

部品番号 SI7308DN
部品情報  N-Channel 60-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TFUNK [Vishay Telefunken]
ホームページ  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7308DN データシート(HTML) 1 Page - Vishay Telefunken

  SI7308DN Datasheet HTML 1Page - Vishay Telefunken SI7308DN Datasheet HTML 2Page - Vishay Telefunken SI7308DN Datasheet HTML 3Page - Vishay Telefunken SI7308DN Datasheet HTML 4Page - Vishay Telefunken SI7308DN Datasheet HTML 5Page - Vishay Telefunken SI7308DN Datasheet HTML 6Page - Vishay Telefunken SI7308DN Datasheet HTML 7Page - Vishay Telefunken SI7308DN Datasheet HTML 8Page - Vishay Telefunken SI7308DN Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
Si7308DN
Document Number: 73419
S-83051-Rev. B, 29-Dec-08
www.vishay.com
1
N-Channel 60-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Available
TrenchFET® Power MOSFET
Low Thermal Resistance PowerPAK® Package
with Small Size and Low 1.07 mm Profile
APPLICATIONS
CCFL Inverter
Class-D Amp
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
60
0.058 at VGS = 10 V
6
13 nC
0.072 at VGS = 4.5 V
6
Ordering Information: Si7308DN-T1-E3 (Lead (Pb)-free)
Si7308DN-T1-GE3 (Lead (Pb)-free and Halogen-free)
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
3.30 mm
3.30 mm
PowerPAK 1212-8
Bottom View
N-Channel MOSFET
G
D
S
Notes:
a. Package limited.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See Solder Profile (www.vishay.com/ppg?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and
is not required to ensure adequate bottom side solder interconnection.
e. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under Steady State conditions is 81 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
6a
A
TC = 70 °C
6a
TA = 25 °C
5.4b, c
TA = 70 °C
4.3b, c
Pulsed Drain Current (10 µs Width)
IDM
20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
6a
TA = 25 °C
2.7b, c
Avalanche Current
L = 0.1 mH
IAS
11
Single-Pulse Avalanche Energy
EAS
6.1
mJ
Maximum Power Dissipation
TC = 25 °C
PD
19.8
W
TC = 70 °C
12.7
TA = 25 °C
3.2b, c
TA = 70 °C
2.1b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
RthJA
31
39
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
56.3


同様の部品番号 - SI7308DN

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7308DN VISHAY-SI7308DN Datasheet
541Kb / 13P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI7308DN VISHAY-SI7308DN Datasheet
538Kb / 13P
   N-Channel 60-V (D-S) MOSFET
01-Jan-2022
SI7308DN-T1-E3 VISHAY-SI7308DN-T1-E3 Datasheet
541Kb / 13P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI7308DN-T1-GE3 VISHAY-SI7308DN-T1-GE3 Datasheet
541Kb / 13P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI7308DN VISHAY-SI7308DN_V01 Datasheet
538Kb / 13P
   N-Channel 60-V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI7308DN

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com