データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ31506 データシート(PDF) 8 Page - Texas Instruments

部品番号 LMZ31506
部品情報  6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMZ31506 データシート(HTML) 8 Page - Texas Instruments

Back Button LMZ31506_15 Datasheet HTML 4Page - Texas Instruments LMZ31506_15 Datasheet HTML 5Page - Texas Instruments LMZ31506_15 Datasheet HTML 6Page - Texas Instruments LMZ31506_15 Datasheet HTML 7Page - Texas Instruments LMZ31506_15 Datasheet HTML 8Page - Texas Instruments LMZ31506_15 Datasheet HTML 9Page - Texas Instruments LMZ31506_15 Datasheet HTML 10Page - Texas Instruments LMZ31506_15 Datasheet HTML 11Page - Texas Instruments LMZ31506_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
1000
10000
100000
400000
−40
−30
−20
−10
0
10
20
30
40
−120
−90
−60
−30
0
30
60
90
120
Frequency (Hz)
Gain
Phase
G000
0
0.5
1
1.5
2
2.5
3
0
1
2
3
4
5
6
Output Current (A)
VOUT = 5.0 V,fSW = 780 kHz
VOUT = 3.3 V,fSW = 630 kHz
VOUT = 2.5 V,fSW = 480 kHz
VOUT = 1.8 V,fSW = 480 kHz
VOUT = 1.2 V,fSW = 480 kHz
VOUT = 0.8 V,fSW = 480 kHz
G000
20
30
40
50
60
70
80
90
0
1
2
3
4
5
6
Output Current (A)
Natural Convection
All Output Voltages
G000
40
45
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
Output Current (A)
VOUT = 5.0 V,fSW = 780 kHz
VOUT = 3.3 V,fSW = 630 kHz
VOUT = 2.5 V,fSW = 480 kHz
VOUT = 1.8 V,fSW = 480 kHz
VOUT = 1.2V, fSW = 480 kHz
VOUT = 0.8V, fSW = 330 kHz
G000
0
10
20
30
40
50
60
70
80
90
0
1
2
3
4
5
6
Output Current (A)
VOUT = 5.0 V,fSW = 780 kHz
VOUT = 3.3 V,fSW = 630 kHz
VOUT = 2.5 V,fSW = 480 kHz
VOUT = 1.8 V,fSW = 480 kHz
VOUT = 1.2 V,fSW = 480 kHz
VOUT = 0.8 V,fSW = 480 kHz
G000
LMZ31506
SNVS993 – JUNE 2013
www.ti.com
TYPICAL CHARACTERISTICS (PVIN = VIN = 12 V) (1) (2)
Figure 1. Efficiency vs. Output Current
Figure 2. Voltage Ripple vs. Output Current
Figure 3. Power Dissipation vs. Output Current
Figure 4. Safe Operating Area
Figure 5. VOUT= 1.8 V, IOUT= 6 A, COUT1= 200 µF ceramic, fSW= 480 kHz
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 1, Figure 2, and Figure 3.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to devices soldered directly to a 100 mm × 100 mm double-sided PCB with 1 oz. copper.
Applies to Figure 4.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMZ31506


同様の部品番号 - LMZ31506_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ31506EVM-692 TI-LMZ31506EVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506HEVM-692 TI-LMZ31506HEVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31506HRUQR TI1-LMZ31506HRUQR Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results

同様の説明 - LMZ31506_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
837Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-14.5V Input and Current Sharing
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707_14 Datasheet
973Kb / 34P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707 Datasheet
964Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI-LMZ31707_15 Datasheet
912Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31710 TI1-LMZ31710 Datasheet
915Kb / 33P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com