データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ36002 データシート(PDF) 6 Page - Texas Instruments

部品番号 LMZ36002
部品情報  SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMZ36002 データシート(HTML) 6 Page - Texas Instruments

Back Button LMZ36002_15 Datasheet HTML 2Page - Texas Instruments LMZ36002_15 Datasheet HTML 3Page - Texas Instruments LMZ36002_15 Datasheet HTML 4Page - Texas Instruments LMZ36002_15 Datasheet HTML 5Page - Texas Instruments LMZ36002_15 Datasheet HTML 6Page - Texas Instruments LMZ36002_15 Datasheet HTML 7Page - Texas Instruments LMZ36002_15 Datasheet HTML 8Page - Texas Instruments LMZ36002_15 Datasheet HTML 9Page - Texas Instruments LMZ36002_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LMZ36002
SNVSA92A – SEPTEMBER 2015 – REVISED SEPTEMBER 2015
www.ti.com
6.5 Electrical Characteristics
Over -40°C to +105°C free-air temperature, PVIN = 24 V, VOUT = 5 V, IOUT = IOUT max, ƒsw = 500 kHz, CIN1 = 1 x 10-µF, 100-V
1210 ceramic, CIN2 = 1 x 100-µF 100-V electrolytic bulk, and COUT = 3 x 47-µF, 16-V 1210 ceramic (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT VOLTAGE (PVIN)
PVIN
Input voltage range
Over IOUT range
4.5(1)
60
V
PVIN increasing
3.2
3.8
V
UVLO
PVIN undervoltage lockout
PVIN decreasing
2.8
V
OUTPUT VOLTAGE
VOUT (ADJ)
Output voltage adjust range
Over IOUT range
2.5
7.5
V
Set-point voltage tolerance
TA = 25°C, IOUT = 300 mA
±0.7
±1.5(2)
%
Temperature variation
-40°C
≤ TA ≤ 105°C, IOUT = 0 A
±0.9
%
VOUT
Line regulation
TA = 25°C, Over PVIN range, IOUT = 300 mA
±0.1
%
Load regulation
TA = 25°C, IOUT = 300 mA to IOUT max
±0.3
%
Total output voltage variation
Includes set-point, line, load, and temperature
±2
%
VOUT ripple
Output voltage ripple
20-MHz Bandwidth
10
mV/pp
OUTPUT CURRENT
IOUT
Output current
TA = 105°C, natural convection
0
1.5
A
IOUT
Output current
TA = 105°C, 200LFM
0
2
A
IOUT
Output current
TA = 95°C, natural convection
0
2
A
ILIM
Overcurrent threshold
2.5
A
PERFORMANCE
VOUT = 7.5 V; ƒSW = 400 kHz
95
%
VOUT = 5 V; ƒSW = 200 kHz
93
%
PVIN = 12 V
VOUT = 5 V; ƒSW = 500 kHz
92
%
IOUT = 1 A
VOUT = 3.3 V; ƒSW= 200 kHz
90
%
VOUT = 2.5 V; ƒSW = 200 kHz
87
%
η
Efficiency
VOUT = 7.5 V; ƒSW = 400 kHz
92
%
VOUT = 5 V; ƒSW= 250 kHz
90
%
PVIN = 24 V
VOUT = 5 V; ƒSW= 500 kHz
88
%
IOUT = 1 A
VOUT = 3.3 V; ƒSW = 250 kHz
86
%
VOUT = 2.5 V; ƒSW = 250 kHz
81
%
IOUT = 50%
Recovery time
100
µs
load step
Transient response
Over/Undershoot
2
%
1 A/µs slew rate
SLOW START
TSS
Internal slow start time
SS/TR pin open
4.1
ms
INHIBIT
VINH (high)
Precision inhibit level
2.00
2.1
2.42
V
Inhibit control
VINH (hys)
Inhibit turn-off hysteresis
-0.294
V
II (shutdown) Input shutdown supply
INH/UVLO pin conected to AGND
2.4
6.2(3)
µA
current
POWER GOOD (PWRGD)
Good
95
%
VOUT rising
Fault
110
%
VPWRGD
PWRGD thresholds
Fault
90
%
VOUT falling
Good
105
%
(1)
The minimum PVIN is 4.5 V or (VOUT / 0.75), whichever is greater. For VOUT = 3.3 V, the minimum PVIN is 4.75 V when IOUT > 1.5 A.
(2)
The stated limit of the set-point voltage tolerance includes the tolerance of both the internal voltage reference and the internal
adjustment resistor. The overall output voltage tolerance will be affected by the tolerance of the external RSET resistor.
(3)
Guaranteed by design. Not production tested.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMZ36002


同様の部品番号 - LMZ36002_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
More results

同様の説明 - LMZ36002_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
LMZ34202 TI1-LMZ34202 Datasheet
629Kb / 31P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMR51420 TI-LMR51420 Datasheet
2Mb / 33P
[Old version datasheet]   LMR51420 SIMPLE SWITCHER짰 Power Converter 4.5-V to 36-V, 2-A, Synchronous Buck Converter in a SOT-23 Package
SLUSEF6 ??OCTOBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com