データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3474DV データシート(PDF) 1 Page - Vishay Telefunken

部品番号 SI3474DV
部品情報  N-Channel 100 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TFUNK [Vishay Telefunken]
ホームページ  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI3474DV データシート(HTML) 1 Page - Vishay Telefunken

  SI3474DV Datasheet HTML 1Page - Vishay Telefunken SI3474DV Datasheet HTML 2Page - Vishay Telefunken SI3474DV Datasheet HTML 3Page - Vishay Telefunken SI3474DV Datasheet HTML 4Page - Vishay Telefunken SI3474DV Datasheet HTML 5Page - Vishay Telefunken SI3474DV Datasheet HTML 6Page - Vishay Telefunken SI3474DV Datasheet HTML 7Page - Vishay Telefunken SI3474DV Datasheet HTML 8Page - Vishay Telefunken SI3474DV Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Siliconix
Si3474DV
Document Number: 62875
S13-1664-Rev. A, 29-Jul-13
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
N-Channel 100 V (D-S) MOSFET
FEATURES
•TrenchFET® Power MOSFET
100 % Rg and UIS Tested
Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
DC/DC Converters / Boost Converters
Load Switch
LED Backlighting in LCD TVs
Power
Management
for
Mobile
Computing
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 110 °C/W.
MOSFET PRODUCT SUMMARY
VDS (V)
RDS(on) () Max.
ID (A)
a
Qg (Typ.)
100
0.126 at VGS = 10 V
3.8
2.9 nC
0.147 at VGS = 6 V
3.5
0.189 at VGS = 4.5 V
3.1
Ordering Information:
Si3474DV-T1-GE3 (Lead (Pb)-free and Halogen-free)
TSOP-6
Top View
6
4
1
2
3
5
3 mm
2.85 mm
D
D
D
D
S
G
N-Channel MOSFET
G
D
S
(1, 2, 5, 6)
(3)
(4)
Marking Code
BF
XX
Lot Traceability
and Date Code
Part # Code
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
3.8
A
TC = 70 °C
3
TA = 25 °C
2.8b, c
TC = 70 °C
2.3b, c
Pulsed Drain Current (t = 100 µs)
IDM
14
Continuous Source-Drain Diode Current
TC = 25 °C
IS
3
TA = 25 °C
1.7b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
2.5
Single Pulse Avalanche Energy
EAS
0.31
mJ
Maximum Power Dissipation
TC = 25 °C
PD
3.6
W
TC = 70 °C
2.33
TA = 25 °C
2b, c
TA = 70 °C
1.3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
5 s
RthJA
50
62.5
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
28
35


同様の部品番号 - SI3474DV

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI3474DV VISHAY-SI3474DV Datasheet
248Kb / 11P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 29-Jul-13
SI3474DV VISHAY-SI3474DV_V01 Datasheet
263Kb / 11P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI3474DV

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com