データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4N24 データシート(PDF) 3 Page - Micropac Industries

部品番号 4N24
部品情報  JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROPAC [Micropac Industries]
ホームページ  http://www.micropac.com
Logo MICROPAC - Micropac Industries

4N24 データシート(HTML) 3 Page - Micropac Industries

  4N24 Datasheet HTML 1Page - Micropac Industries 4N24 Datasheet HTML 2Page - Micropac Industries 4N24 Datasheet HTML 3Page - Micropac Industries 4N24 Datasheet HTML 4Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
3 - 9
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level
IFL
01
µA
Input Current, High Level
IFH
210mA
Supply Voltage
VCE
510
V
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
JAN4N22
4N22 Optocoupler, JAN Screening level
JAN4N23
4N23 Optocoupler, JAN Screening level
JAN4N24
4N24 Optocoupler, JAN Screening level
JANTX4N22
4N22 Optocoupler, JANTX Screening level
JANTX4N23
4N23 Optocoupler, JANTX Screening level
JANTX4N24
4N24 Optocoupler, JANTX Screening level
JANTXV4N22
4N22 Optocoupler, JANTXV Screening level
JANTXV4N23
4N23 Optocoupler, JANTXV Screening level
JANTXV4N24
4N24 Optocoupler, JANTXV Screening level
* JEDEC registered data


同様の部品番号 - 4N24

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
4N24 OPTEK-4N24 Datasheet
206Kb / 6P
   Hi-Reliability Optically Coupled Isolator
logo
TT Electronics.
4N24 TTELEC-4N24 Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
logo
Micropac Industries
4N24A MICROPAC-4N24A Datasheet
88Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
New Jersey Semi-Conduct...
4N24A NJSEMI-4N24A Datasheet
259Kb / 2P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
OPTEK Technologies
4N24A OPTEK-4N24A Datasheet
206Kb / 6P
   Hi-Reliability Optically Coupled Isolator
More results

同様の説明 - 4N24

メーカー部品番号データシート部品情報
logo
Micropac Industries
4N47 MICROPAC-4N47 Datasheet
91Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N22A MICROPAC-4N22A Datasheet
88Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N47A MICROPAC-4N47A Datasheet
88Kb / 2P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
New Jersey Semi-Conduct...
4N22A NJSEMI-4N22A Datasheet
259Kb / 2P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
Micropac Industries
JANTXV4N49U MICROPAC-JANTXV4N49U Datasheet
51Kb / 2P
   JAN, JANTX, JANTXV, AND JANS OPTOCOUPLERS
66229 MICROPAC-66229 Datasheet
193Kb / 3P
   CONSTANT CURRENT TRANSFER RATIO, SINGLE CHANNEL OPTOCOUPLERS, SCREENED TO JAN, JANTX, JANTXV
logo
List of Unclassifed Man...
JAN1N4454 ETC2-JAN1N4454 Datasheet
38Kb / 2P
   1N4454 and IN4454-1 AVAILABLE IN JAN, JANTX, AND JANTXV
logo
Micropac Industries
62035 MICROPAC-62035 Datasheet
54Kb / 2P
   JAN AND JANTX QUALIFIED
logo
Microsemi Corporation
JAN1N3064 MICROSEMI-JAN1N3064 Datasheet
90Kb / 1P
   1N3064 AVAILABLE IN JAN, JANTX, AND JANTXV PER MIL-PRF-19500/144
logo
Micropac Industries
62041 MICROPAC-62041 Datasheet
54Kb / 2P
   JAN AND JANTX QUALIFIED
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com