データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC05111CMT データシート(PDF) 2 Page - ON Semiconductor

部品番号 LC05111CMT
部品情報  Protection IC with integrated Power MOS FET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC05111CMT データシート(HTML) 2 Page - ON Semiconductor

  LC05111CMT Datasheet HTML 1Page - ON Semiconductor LC05111CMT Datasheet HTML 2Page - ON Semiconductor LC05111CMT Datasheet HTML 3Page - ON Semiconductor LC05111CMT Datasheet HTML 4Page - ON Semiconductor LC05111CMT Datasheet HTML 5Page - ON Semiconductor LC05111CMT Datasheet HTML 6Page - ON Semiconductor LC05111CMT Datasheet HTML 7Page - ON Semiconductor LC05111CMT Datasheet HTML 8Page - ON Semiconductor LC05111CMT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LC05111CMT
www.onsemi.com
2
Specifications
Absolute Maximum Ratings at Ta = 25
C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
Between PAC+ and VCC : R1=680
0.3 to +12.0
V
S1 - S2 voltage
VS1-S2
24.0
V
CS terminal Input voltage
CS
VCC24.0
V
Charge or discharge current
BAT-, PAC-
10.0
A
TST Input voltage
TST
0.3 to +7.0
V
Storage temperature
Tstg
55 to +125
C
Current between S1 and
S2(DC)
ID
VCC = 3.7V
10.0
A
Current between S1 and S2
(continuous pulse)
IDP
Pulse Width<10
s, duty cycle<1%
35
A
Operating ambient temperature
Topr
40 to +85
C
Allowable power dissipation
Pd
Glass epoxy four-layer board.
Board size 27.4mm x 3.1mm x 0.8mm
450
mW
Junction temperature
Tj
125
C
Caution 1) Absolute maximum ratings represent the values which cannot be exceeded even for a moment.
Caution 2) If you should intend to use this IC continuously under high temperature, high current, high voltage, or drastic temperature
change, even if it is used within the range of absolute maximum ratings or operating conditions, there is a possibility of
decrease reliability. Please contact us for a confirmation.
Example of Application Circuit
Components
Recommended
value
MAX
unit
Description
R1
680
1k
R2
1k
2k
C1
0.1
1.0
F
* We don’t guarantee the characteristics of the circuit shown above.
* TST pin would be better to be connected to VSS pin, though it is connected to VSS with internal resistor (100k
 typ).
* Battery voltage drop occurs, a current of about 60uA flow period of 1.5V-1.3V.
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.


同様の部品番号 - LC05111CMT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC05112CMT ONSEMI-LC05112CMT Datasheet
281Kb / 15P
   Protection IC with integrated Power MOS FET
September 2014 - Rev. 1
logo
Shanghai Leiditech Elec...
LC0511CCW LEIDITECH-LC0511CCW Datasheet
405Kb / 4P
   USB 2.0 power and data line
LC0511CDN LEIDITECH-LC0511CDN Datasheet
262Kb / 3P
   1-Line Bi-directional Low Capacitance TVS Diode
More results

同様の説明 - LC05111CMT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC05132C01MT ONSEMI-LC05132C01MT Datasheet
447Kb / 16P
   Protection IC with integrated Power MOS FET
February 2015 - Rev. 2
LC05132C01NMT ONSEMI-LC05132C01NMT Datasheet
447Kb / 16P
   Protection IC with integrated Power MOS FET
March 2015 - Rev. 1
LC05112CMT ONSEMI-LC05112CMT Datasheet
281Kb / 15P
   Protection IC with integrated Power MOS FET
September 2014 - Rev. 1
logo
List of Unclassifed Man...
EC9525 ETC1-EC9525 Datasheet
154Kb / 9P
   LI-ION PROTECTION IC WITH POWER MOS
logo
Rohm
BD906XX ROHM-BD906XX Datasheet
1Mb / 37P
   Integrated Pch POWER MOS FET
BD6040GUL ROHM-BD6040GUL Datasheet
210Kb / 2P
   Charger Protection IC with Internal FET
logo
ON Semiconductor
NUS1204MN ONSEMI-NUS1204MN Datasheet
59Kb / 5P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
NUS2045MN ONSEMI-NUS2045MN Datasheet
129Kb / 12P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 4
NUS3046MN ONSEMI-NUS3046MN Datasheet
138Kb / 7P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
logo
Anpec Electronics Corop...
APL3206 ANPEC-APL3206 Datasheet
314Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com