データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75809PT データシート(PDF) 2 Page - ON Semiconductor

部品番号 LC75809PT
部品情報  Duty General-Purpose LCD Display Driver
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75809PT データシート(HTML) 2 Page - ON Semiconductor

  LC75809PT Datasheet HTML 1Page - ON Semiconductor LC75809PT Datasheet HTML 2Page - ON Semiconductor LC75809PT Datasheet HTML 3Page - ON Semiconductor LC75809PT Datasheet HTML 4Page - ON Semiconductor LC75809PT Datasheet HTML 5Page - ON Semiconductor LC75809PT Datasheet HTML 6Page - ON Semiconductor LC75809PT Datasheet HTML 7Page - ON Semiconductor LC75809PT Datasheet HTML 8Page - ON Semiconductor LC75809PT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
LC75809PT
No.A1976-2/43
Specifications
Absolute Maximum Ratings at Ta = 25
°C, VSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
-0.3 to +6.8
V
VIN1
CE, CL, DI, INH
-0.3 to +6.8
Input voltage
VIN2
OSCI, VDD1, VDD2
-0.3 to VDD+0.3
V
Output voltage
VOUT
S1 to S89, COM1 to COM4, P1 to P12
-0.3 to VDD+0.3
V
IOUT1
S1 to S88
300
μA
IOUT2
COM1 to COM4, S89
3
Output current
IOUT3
P1 to P12
5
mA
Allowable power dissipation
Pd max
Ta=85
°C
200
mW
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
Allowable Operating Ranges at Ta = -40 to +85
°C, VSS = 0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
VDD
4.5
6.3
V
VDD1
VDD1
2/3VDD0
VDD0
Input voltage
*1
VDD2
VDD2
1/3VDD0
VDD0
V
VIH1
CE, CL, DI, INH
0.4VDD
6.3
Input high level voltage
VIH2
OSCI: External clock operating mode
0.4VDD
VDD
V
VIL1
CE, CL, DI, INH
0
0.2VDD
Input low level voltage
VIL2
OSCI: External clock operating mode
0
0.2VDD
V
External clock
operating frequency
fCK
OSCI: External clock operating mode
[Figure4]
10
300
600
kHz
External clock duty cycle
DCK
OSCI: External clock operating mode
[Figure4]
30
50
70
%
Data setup time
tds
CL, DI
[Figure2], [Figure3]
160
ns
Data hold time
tdh
CL, DI
[Figure2], [Figure3]
160
ns
CE wait time
tcp
CE, CL
[Figure2], [Figure3]
160
ns
CE setup time
tcs
CE, CL
[Figure2], [Figure3]
160
ns
CE hold time
tch
CE, CL
[Figure2], [Figure3]
160
ns
High level clock pulse width
t
φH
CL
[Figure2], [Figure3]
160
ns
Low level clock pulse width
t
φL
CL
[Figure2], [Figure3]
160
ns
Rise time
tr
CE, CL, DI
[Figure2], [Figure3]
160
ns
Fall time
tf
CE, CL, DI
[Figure2], [Figure3]
160
ns
INH switching time
tc
INH, CE
[Figure5], [Figure6]
[Figure7], [Figure8]
10
μs
Note :
*1. VDD0=0.70VDD to VDD
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


同様の部品番号 - LC75809PT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC75809PT ONSEMI-LC75809PT Datasheet
341Kb / 43P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75809PT-H ONSEMI-LC75809PT-H Datasheet
341Kb / 43P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75809PTH-H ONSEMI-LC75809PTH-H Datasheet
341Kb / 43P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75809PTS-H ONSEMI-LC75809PTS-H Datasheet
341Kb / 43P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75809PT ONSEMI-LC75809PT_17 Datasheet
341Kb / 43P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
More results

同様の説明 - LC75809PT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ENA1462 ONSEMI-ENA1462 Datasheet
207Kb / 22P
   Duty General-Purpose LCD Display Driver
July, 2013
LC450029PKB ONSEMI-LC450029PKB Datasheet
204Kb / 25P
   Duty General-Purpose LCD Display Driver
July, 2013
ENA0428 ONSEMI-ENA0428 Datasheet
160Kb / 18P
   Duty General-Purpose LCD Display Driver
July, 2013
LC75879PT ONSEMI-LC75879PT Datasheet
335Kb / 35P
   Duty General-Purpose LCD Display Driver
July, 2013
ENA1578 ONSEMI-ENA1578 Datasheet
148Kb / 18P
   Duty Drive General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75824E SANYO-LC75824E Datasheet
336Kb / 16P
   1/4 Duty General-Purpose LCD Display Driver???
LC75874E SANYO-LC75874E Datasheet
431Kb / 16P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75836W ONSEMI-LC75836W Datasheet
149Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75844M SANYO-LC75844M_08 Datasheet
207Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
EN6235 ONSEMI-EN6235 Datasheet
180Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com