データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTV16N50E データシート(PDF) 6 Page - ON Semiconductor

部品番号 MTV16N50E
部品情報  Power Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTV16N50E データシート(HTML) 6 Page - ON Semiconductor

Back Button MTV16N50E Datasheet HTML 2Page - ON Semiconductor MTV16N50E Datasheet HTML 3Page - ON Semiconductor MTV16N50E Datasheet HTML 4Page - ON Semiconductor MTV16N50E Datasheet HTML 5Page - ON Semiconductor MTV16N50E Datasheet HTML 6Page - ON Semiconductor MTV16N50E Datasheet HTML 7Page - ON Semiconductor MTV16N50E Datasheet HTML 8Page - ON Semiconductor MTV16N50E Datasheet HTML 9Page - ON Semiconductor MTV16N50E Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MTV16N50E
http://onsemi.com
6
SAFE OPERATING AREA
TJ, STARTING JUNCTION TEMPERATURE (°C)
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
25
50
75
100
125
15
t, TIME (s)
Figure 13. Thermal Response
Figure 14. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
0
600
400
300
200
500
100
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
10
VGS = 20 V
SINGLE PULSE
TC = 25°C
1
1
10
100
0.1
dc
100
μs
1 ms
10 ms
1000
100
ID = 16 A
1
0.1
0.001
0.01
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01
1.0E+00
1.0E+01
RθJC(t) = r(t) RθJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RθJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.02
D = 0.5
0.05
0.01
SINGLE PULSE
0.1
0.2
700
800
900


同様の部品番号 - MTV16N50E

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MTV16N50E MOTOROLA-MTV16N50E Datasheet
276Kb / 10P
   TMOS POWER FET 16 AMPERES 500 VOLTS RDS(on) = 0.40 OHM
logo
Inchange Semiconductor ...
MTV16N50E ISC-MTV16N50E Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - MTV16N50E

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MTM15N40E MOTOROLA-MTM15N40E Datasheet
170Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTH6N55 MOTOROLA-MTH6N55 Datasheet
232Kb / 6P
   Power Field Effect Transistor
MTM25N10 MOTOROLA-MTM25N10 Datasheet
169Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT18N20 ETC1-CMT18N20 Datasheet
199Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
MTP5N20 MOTOROLA-MTP5N20 Datasheet
165Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTP15N05EL MOTOROLA-MTP15N05EL Datasheet
164Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT14N50 CHAMP-CMT14N50 Datasheet
253Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
MTM12P10 MOTOROLA-MTM12P10 Datasheet
169Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTP10N15 MOTOROLA-MTP10N15 Datasheet
170Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT01N60 CHAMP-CMT01N60 Datasheet
288Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT06N60 ETC-CMT06N60 Datasheet
191Kb / 6P
   POWER FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com