データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCP-4118UB-DT データシート(PDF) 5 Page - ON Semiconductor

部品番号 TCP-4118UB-DT
部品情報  Passive Tunable Integrated Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCP-4118UB-DT データシート(HTML) 5 Page - ON Semiconductor

  TCP-4118UB-DT Datasheet HTML 1Page - ON Semiconductor TCP-4118UB-DT Datasheet HTML 2Page - ON Semiconductor TCP-4118UB-DT Datasheet HTML 3Page - ON Semiconductor TCP-4118UB-DT Datasheet HTML 4Page - ON Semiconductor TCP-4118UB-DT Datasheet HTML 5Page - ON Semiconductor TCP-4118UB-DT Datasheet HTML 6Page - ON Semiconductor TCP-4118UB-DT Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TCP−4118UB
www.onsemi.com
5
ASSEMBLY CONSIDERATIONS AND REFLOW PROFILE
The following assembly considerations should be observed:
Cleanliness
These chips should be handled in a clean environment
.
Electro-static Sensitivity
ON Semiconductor’s PTICs are ESD Class 1B sensitive.
The proper ESD handling procedures should be used.
Mounting
The WLCSP PTIC is fabricated for Flip Chip solder
mounting. Connectivity to the RF and Bias terminations on
the PTIC die is established through SAC305 solder balls
with 65
mm nominal height (45 mm to 85 mm height
variation). The PTIC die is RoHS-compliant and compatible
with lead-free soldering profile.
Molding
The PTIC die is compatible for over-molding or
under-fill.
Figure 6. Reflow Profile
ORIENTATION OF THE PTIC FOR OPTIMUM LOSSES
When configuring the PTIC in your specific circuit
design, at least one of the RF terminals must be connected
to DC ground. If minimum transition times are required, DC
ground on both RF terminals is recommended. To minimize
losses, the PTIC should be oriented such that RF2 is at the
lower RF impedance of the two RF nodes. A shunt PTIC, for
example, should have RF2 connected to RF ground.
Figure 7. PTIC Orientation Functional Block
Diagram
Bias
RF
ANT
RF1
(PTIC Pad)
RF2
(PTIC Pad)


同様の部品番号 - TCP-4118UB-DT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TCP-4112UB ONSEMI-TCP-4112UB Datasheet
231Kb / 7P
   Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-4112UB-DT ONSEMI-TCP-4112UB-DT Datasheet
231Kb / 7P
   Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
More results

同様の説明 - TCP-4118UB-DT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TCP-3027HA ONSEMI-TCP-3027HA Datasheet
182Kb / 7P
   Passive Tunable Integrated Circuits
August, 2015 ??Rev. 2
TCP-3118H ONSEMI-TCP-3118H Datasheet
124Kb / 7P
   Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-4112UB ONSEMI-TCP-4112UB Datasheet
231Kb / 7P
   Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3112H ONSEMI-TCP-3112H Datasheet
227Kb / 7P
   Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3133H ONSEMI-TCP-3133H Datasheet
209Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-4139UB ONSEMI-TCP-4139UB Datasheet
239Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3127H ONSEMI-TCP-3127H Datasheet
233Kb / 7P
   2.7 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3033N ONSEMI-TCP-3033N Datasheet
224Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
January, 2015 ??Rev. 1
TCP-3139H ONSEMI-TCP-3139H Datasheet
217Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2
TCP-3068N ONSEMI-TCP-3068N Datasheet
243Kb / 7P
   6.8 pF Passive Tunable Integrated Circuits
October, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com