データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS76201-Q1 データシート(PDF) 1 Page - Texas Instruments

部品番号 TPS76201-Q1
部品情報  Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPS76201-Q1 データシート(HTML) 1 Page - Texas Instruments

  TPS76201-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS76201-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS76201-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS76201-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS76201-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS76201-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS76201-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS76201-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS76201-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
3
2
4
5
1
IN
GND
EN
FB
OUT
27
25
23
21
19
17
15
-40
-25
-10
5
20
35
50
65
80
95
110
125
Junction Temperature ( C)
°
I
= 100 mA
O
I
= 10
A
O
m
V
= 2.7 V
V
= 0.7 V
IN
OUT
TPS76201-Q1
www.ti.com
SLVSAO7 – DECEMBER 2010
Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout
Linear Regulator
Check for Samples: TPS76201-Q1
1
FEATURES
DESCRIPTION
2
Qualified for Automotive Applications
The
TPS76201-Q1
low-dropout
(LDO)
voltage
regulator features an adjustable output voltage as low
100-mA Low-Dropout Regulator
as 0.7 V. It is an ideal regulator for sub 1.2-V DSP
Adjustable Output Voltage: 0.7 V to 5.5 V
core voltage supplies and is equally suited for similar
Only 27-mA Quiescent Current at 100 mA
applications with other low-voltage processors and
1-mA Quiescent Current in Standby Mode
controllers. SOT-23 packaging and the high-efficiency
that
results
from
the
ultralow
power
regulator
Overcurrent Limitation
operation make the TPS76201-Q1 especially useful
–40°C to +125°C Operating Ambient
in handheld and portable battery applications. This
Temperature Range
regulator features low dropout voltages and ultralow
quiescent current compared to conventional LDO
Available in 5-Pin SOT-23 (DBV) Package
regulators. Offered in a five-terminal, small outline
integrated
circuit
(SOT-23)
package,
the
DBV PACKAGE (TOP VIEW)
TPS76201-Q1 is ideal for micropower operations and
where board space is at a premium.
A combination of new circuit design and process
innovation has enabled the usual PNP pass transistor
to be replaced by a PMOS pass element. Because
the PMOS pass element is a voltage-driven device,
the quiescent current is ultralow (30 mA maximum)
and is stable over the entire range of output load
GROUND CURRENT vs
current (10 mA to 100 mA). Intended for use in
JUNCTION TEMPERATURE
portable systems such as laptops and cellular
phones, the ultralow-power operation results in a
significant increase in the system battery operating
life.
The TPS76201-Q1 also features a logic-enabled
sleep mode to shut down the regulator, reducing
quiescent current to 1 mA typical at TJ = +25°C. The
TPS76201-Q1 is offered in an adjustable version
(programmable over the range of 0.7 V to 5.5 V).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TPS76201-Q1_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
597Kb / 16P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
More results

同様の説明 - TPS76201-Q1_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
TPS76201DBVTG4 TI1-TPS76201DBVTG4 Datasheet
580Kb / 16P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201 TI1-TPS76201_17 Datasheet
597Kb / 16P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
logo
Analog Devices
ADP3331 AD-ADP3331_15 Datasheet
336Kb / 9P
   Adjustable Output Ultralow Low Dropout Regulator
REV. B
logo
Texas Instruments
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com