データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT28C257 データシート(PDF) 1 Page - ON Semiconductor

部品番号 CAT28C257
部品情報  256 kb CMOS Parallel EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C257 データシート(HTML) 1 Page - ON Semiconductor

  CAT28C257 Datasheet HTML 1Page - ON Semiconductor CAT28C257 Datasheet HTML 2Page - ON Semiconductor CAT28C257 Datasheet HTML 3Page - ON Semiconductor CAT28C257 Datasheet HTML 4Page - ON Semiconductor CAT28C257 Datasheet HTML 5Page - ON Semiconductor CAT28C257 Datasheet HTML 6Page - ON Semiconductor CAT28C257 Datasheet HTML 7Page - ON Semiconductor CAT28C257 Datasheet HTML 8Page - ON Semiconductor CAT28C257 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2009
December, 2009 − Rev. 6
1
Publication Order Number:
CAT28C257/D
CAT28C257
256 kb CMOS Parallel
EEPROM
Description
The CAT28C257 is a fast, low power, 5 V−only CMOS Parallel
EEPROM organized as 32K x 8−bits. It requires a simple interface for
in−system programming. On−chip address and data latches,
self−timed write cycle with auto−clear and VCC power up/down write
protection eliminate additional timing and protection hardware. DATA
Polling and Toggle status bits signal the start and end of the self−timed
write cycle. Additionally, the CAT28C257 features hardware and
software write protection.
The CAT28C257 is manufactured using ON Semiconductor’s
advanced CMOS floating gate technology. It is designed to endure
100,000 program/erase cycles and has a data retention of 100 years.
The device is available in JEDEC approved 28−pin DIP or 32−pin
PLCC packages.
Features
Fast Read Access Times: 120/150 ns
Low Power CMOS Dissipation:
– Active: 25 mA Max.
– Standby: 150
mA Max.
Simple Write Operation:
– On−chip Address and Data Latches
– Self−timed Write Cycle with Auto−clear
Fast Write Cycle Time:
− 5 ms Max.
CMOS and TTL Compatible I/O
Automatic Page Write Operation:
− 1 to 128 Bytes in 5 ms
− Page Load Timer
End of Write Detection:
− Toggle Bit
− DATA Polling
Hardware and Software Write Protection
100,000 Program/Erase Cycles
100 Year Data Retention
Commercial, Industrial and Automotive Temperature Ranges
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
PLCC−32
N, G SUFFIX
CASE 776AK
Address Inputs
A0−A14
Data Inputs/Outputs
I/O0−I/O7
Chip Enable
CE
Output Enable
OE
Write Enable
WE
5 V Supply
VCC
Function
Pin Name
PIN FUNCTION
Ground
VSS
No Connect
NC
PDIP−28
P, L SUFFIX
CASE 646AE


同様の部品番号 - CAT28C257

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
CAT28C257G-12T CATALYST-CAT28C257G-12T Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
CAT28C257G-15T CATALYST-CAT28C257G-15T Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
CAT28C257GA-12T CATALYST-CAT28C257GA-12T Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
More results

同様の説明 - CAT28C257

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT28C256LI12 ONSEMI-CAT28C256LI12 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256 ONSEMI-CAT28C256 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256GI12 ONSEMI-CAT28C256GI12 Datasheet
132Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256N-20 ONSEMI-CAT28C256N-20 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
CAT24C256WI-G ONSEMI-CAT24C256WI-G Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256XI ONSEMI-CAT24C256XI Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAV24C256WE-GT3 ONSEMI-CAV24C256WE-GT3 Datasheet
157Kb / 11P
   256-Kb I2C CMOS Serial EEPROM
November, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com