データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTV20N50E データシート(PDF) 10 Page - ON Semiconductor

部品番号 MTV20N50E
部品情報  Power Field Effect Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTV20N50E データシート(HTML) 10 Page - ON Semiconductor

Back Button MTV20N50E Datasheet HTML 3Page - ON Semiconductor MTV20N50E Datasheet HTML 4Page - ON Semiconductor MTV20N50E Datasheet HTML 5Page - ON Semiconductor MTV20N50E Datasheet HTML 6Page - ON Semiconductor MTV20N50E Datasheet HTML 7Page - ON Semiconductor MTV20N50E Datasheet HTML 8Page - ON Semiconductor MTV20N50E Datasheet HTML 9Page - ON Semiconductor MTV20N50E Datasheet HTML 10Page - ON Semiconductor MTV20N50E Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MTV20N50E
http://onsemi.com
10
TYPICAL SOLDER HEATING PROFILE
For any given circuit board, there will be a group of control
settings that will give the desired heat pattern. The operator
must set temperatures for several heating zones, and a
figure for belt speed. Taken together, these control settings
make up a heating “profile” for that particular circuit board.
On machines controlled by a computer, the computer
remembers these profiles from one operating session to the
next. Figure 17 shows a typical heating profile for use when
soldering a surface mount device to a printed circuit board.
This profile will vary among soldering systems but it is a good
starting point. Factors that can affect the profile include the
type of soldering system in use, density and types of
components on the board, type of solder used, and the type
of board or substrate material being used. This profile shows
temperature versus time. The line on the graph shows the
actual temperature that might be experienced on the surface
of a test board at or near a central solder joint. The two
profiles are based on a high density and a low density board.
The Vitronics SMD310 convection/infrared reflow soldering
system was used to generate this profile. The type of solder
used was 62/36/2 Tin Lead Silver with a melting point
between 177−189°C. When this type of furnace is used for
solder reflow work, the circuit boards and solder joints tend
to heat first. The components on the board are then heated
by conduction. The circuit board, because it has a large
surface area, absorbs the thermal energy more efficiently,
then distributes this energy to the components. Because of
this effect, the main body of a component may be up to 30
degrees cooler than the adjacent solder joints.
STEP 1
PREHEAT
ZONE 1
RAMP"
STEP 2
VENT
SOAK"
STEP 3
HEATING
ZONES 2 & 5
RAMP"
STEP 4
HEATING
ZONES 3 & 6
SOAK"
STEP 5
HEATING
ZONES 4 & 7
SPIKE"
STEP 6
VENT
STEP 7
COOLING
200°C
150°C
100°C
50°C
TIME (3 TO 7 MINUTES TOTAL)
TMAX
SOLDER IS LIQUID FOR
40 TO 80 SECONDS
(DEPENDING ON
MASS OF ASSEMBLY)
205° TO 219°C
PEAK AT
SOLDER JOINT
DESIRED CURVE FOR LOW
MASS ASSEMBLIES
100°C
150°C
160°C
170°C
140°C
Figure 18. Typical Solder Heating Profile
DESIRED CURVE FOR HIGH
MASS ASSEMBLIES


同様の部品番号 - MTV20N50E

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MTV20N50E MOTOROLA-MTV20N50E Datasheet
273Kb / 10P
   TMOS POWER FET 20 AMPERES 500 VOLTS RDS(on) = 0.240 OHM
logo
Inchange Semiconductor ...
MTV20N50E ISC-MTV20N50E Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - MTV20N50E

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MTM15N40E MOTOROLA-MTM15N40E Datasheet
170Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTH6N55 MOTOROLA-MTH6N55 Datasheet
232Kb / 6P
   Power Field Effect Transistor
MTM25N10 MOTOROLA-MTM25N10 Datasheet
169Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT18N20 ETC1-CMT18N20 Datasheet
199Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
MTP5N20 MOTOROLA-MTP5N20 Datasheet
165Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTP15N05EL MOTOROLA-MTP15N05EL Datasheet
164Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT14N50 CHAMP-CMT14N50 Datasheet
253Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
MTM12P10 MOTOROLA-MTM12P10 Datasheet
169Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTP10N15 MOTOROLA-MTP10N15 Datasheet
170Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT01N60 CHAMP-CMT01N60 Datasheet
288Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT06N60 ETC-CMT06N60 Datasheet
191Kb / 6P
   POWER FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com