データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25115 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM25115
部品情報  LM25115 Secondary Side Post Regulator Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM25115 データシート(HTML) 11 Page - Texas Instruments

Back Button LM25115 Datasheet HTML 7Page - Texas Instruments LM25115 Datasheet HTML 8Page - Texas Instruments LM25115 Datasheet HTML 9Page - Texas Instruments LM25115 Datasheet HTML 10Page - Texas Instruments LM25115 Datasheet HTML 11Page - Texas Instruments LM25115 Datasheet HTML 12Page - Texas Instruments LM25115 Datasheet HTML 13Page - Texas Instruments LM25115 Datasheet HTML 14Page - Texas Instruments LM25115 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
CRMIX
HS
Phase or CLK
Leading Edge
Modulation
CV
RAMP
ERROR
AMP
RAMP
75K
SS
FB
COMP
PWM
40k
100k
0.7V
0.75V
CLK
Isync x 3
CRMIX
CV
BUFFER
CRAMP
LM25115
www.ti.com
SNVS418A – NOVEMBER 2005 – REVISED APRIL 2013
Error Amplifier and Soft-Start (FB, CO, & COMP, SS)
An internal wide bandwidth error amplifier is provided within the LM25115 for voltage feedback to the PWM
controller. The amplifier’s inverting input is connected to the FB pin. The output of the auxiliary converter is
regulated by connecting a voltage setting resistor divider between the output and the FB pin. Loop compensation
networks are connected between the FB pin and the error amplifier output (COMP). The amplifier’s non-inverting
input is internally connected to the SS pin. The SS pin is biased at 0.75V by a resistor divider connected to the
internal 1.27V bandgap reference. When the VCC voltage is below the UVLO threshold, the SS pin is discharged
to ground. When VCC rises and exceeds the positive going UVLO threshold (4.25V), the SS pin is released and
allowed to rise. If an external capacitor is connected to the SS pin, it will be charged by the internal resistor
divider to gradually increase the non-inverting input of the error amplifier to 0.75V. The equivalent impedance of
the SS resistor divider is nominally 60k
Ω which determines the charging time constant of the SS capacitor.
During start-up, the output of the LM25115 converter will follow the exponential equation:
VOUT(t) = VOUT(final) x (1 - exp(-t/RSS x CSS))
where
Rss = internal resistance of SS pin (60k
Ω)
Css = external Soft-Start capacitor
VOUT(final) = regulator output set point
The initial
Δv / Δt of the output voltage is VOUT(final) / Rss x Css and VOUT will be within 1% of the final
regulation level after 4.6 time constants or when t = 4.6 x Rss x Css.
Pull-up current for the error amplifier output is provided by an internal 300µA current source. The PWM threshold
signal at the COMP pin can be controlled by either the open drain error amplifier or the open drain current
amplifier connected through the CO pin to COMP. Since the internal error amplifier is configured as an open
drain output it can be disabled by connecting FB to ground. The current sense amplifier and current limiting
function will be described in a later section.
Leading Edge Pulse Width Modulation
Unlike conventional voltage mode controllers, the LM25115 implements leading edge pulse width modulation. A
current source equal to 3 times the ISYNC current is used to charge the capacitor connected to the RAMP pin as
shown in Figure 13. The ramp signal and the output of the error amplifier (COMP) are combined through a
resistor network to produce a voltage ramp with variable dc offset (CRMIX in Figure 13). The high side MOSFET
which drives the HS pin is held in the off state at the beginning of the phase signal. When the voltage of CRMIX
exceeds the internal threshold voltage CV, the PWM comparator turns on the high side MOSFET. The HS pin
rises and the MOSFET delivers current from the main converter phase signal to the output of the auxiliary
regulator. The PWM cycle ends when the phase signal falls and power is no longer supplied to the drain of the
high side MOSFET.
Figure 13. Synchronization and Leading Edge Modulation
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM25115


同様の部品番号 - LM25115

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
LM25115A NSC-LM25115A Datasheet
403Kb / 20P
   Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
logo
Texas Instruments
LM25115A TI-LM25115A Datasheet
917Kb / 26P
[Old version datasheet]   LM25115A Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
logo
National Semiconductor ...
LM25115AMT NSC-LM25115AMT Datasheet
403Kb / 20P
   Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
logo
Texas Instruments
LM25115AMT/NOPB TI-LM25115AMT/NOPB Datasheet
917Kb / 26P
[Old version datasheet]   LM25115A Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
More results

同様の説明 - LM25115

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
LM5115 NSC-LM5115 Datasheet
725Kb / 17P
   Secondary Side Post Regulator Controller
logo
Texas Instruments
LM5115 TI-LM5115_15 Datasheet
931Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI1-LM5115_14 Datasheet
959Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115MTCX TI-LM5115MTCX Datasheet
931Kb / 24P
[Old version datasheet]   LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
UC1584 TI-UC1584 Datasheet
153Kb / 7P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
   Secondary Side Synchronous Post Regulator
LT3710 LINER-LT3710_15 Datasheet
228Kb / 12P
   Secondary Side Synchronous Post Regulator
logo
Texas Instruments
UCC3583D TI1-UCC3583D Datasheet
1Mb / 18P
[Old version datasheet]   Switch Mode Secondary Side Post Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com