データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1976 データシート(PDF) 1 Page - ON Semiconductor

部品番号 LB1976
部品情報  3-phase Brushless Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1976 データシート(HTML) 1 Page - ON Semiconductor

  LB1976 Datasheet HTML 1Page - ON Semiconductor LB1976 Datasheet HTML 2Page - ON Semiconductor LB1976 Datasheet HTML 3Page - ON Semiconductor LB1976 Datasheet HTML 4Page - ON Semiconductor LB1976 Datasheet HTML 5Page - ON Semiconductor LB1976 Datasheet HTML 6Page - ON Semiconductor LB1976 Datasheet HTML 7Page - ON Semiconductor LB1976 Datasheet HTML 8Page - ON Semiconductor LB1976 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
D2408 MS / 21003AS (OT) / 52199RM (KI) No.6088-1/10
http://onsemi.com
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Semiconductor Components Industries, LLC, 2013
May, 2013
LB1976
Overview
The LB1976 is a 3-phase brushless motor driver IC suited for use in direct PWM driving of DC fan motors for air
conditioners, water heaters, and other similar equipment. Since a shunt regulator circuit is built in, single power supply
operation sharing the same power supply for the motor is supported.
Features
• Withstand voltage 60V, output current 2.5A
• Direct PWM drive output
• 3 built-in output top-side diodes
• Built-in current limiter
• Built-in FG output circuit
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC max
7V
Supply voltage
VM max
60
V
Output current
IO max
2.5
A
Maximum input current
IREG max
VREG pin
10
mA
Pd max1
Independent IC
3
W
Allowable power dissipation
Pd max2
With infinite hear sink
20
W
Operating temperature
Topr
-20 to +100
°C
Storage temperature
Tstg
-55 to +150
°C
Monolithic Digital IC
For Fan Motor
3-phase Brushless Motor Driver
Ordering number : EN6088B


同様の部品番号 - LB1976

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1976 SANYO-LB1976 Datasheet
91Kb / 12P
   DC Fan Motor Driver
LB1976 SANYO-LB1976 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LB1976 SANYO-LB1976_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
More results

同様の説明 - LB1976

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com