データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL430 データシート(PDF) 1 Page - Texas Instruments

部品番号 TL430
部品情報  ADJUSTABLE SHUNT REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL430 データシート(HTML) 1 Page - Texas Instruments

  TL430_15 Datasheet HTML 1Page - Texas Instruments TL430_15 Datasheet HTML 2Page - Texas Instruments TL430_15 Datasheet HTML 3Page - Texas Instruments TL430_15 Datasheet HTML 4Page - Texas Instruments TL430_15 Datasheet HTML 5Page - Texas Instruments TL430_15 Datasheet HTML 6Page - Texas Instruments TL430_15 Datasheet HTML 7Page - Texas Instruments TL430_15 Datasheet HTML 8Page - Texas Instruments TL430_15 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TL430
ADJUSTABLE SHUNT REGULATORS
SLVS050D − JUNE 1976 − REVISED JANUARY 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Temperature Compensated
D Programmable Output Voltage
D Low Output Resistance
D Low Output Noise
D Sink Capability up to 100 mA
description/ordering information
The TL430 is a 3-terminal adjustable shunt regulator, featuring excellent temperature stability, wide operating
current range, and low output noise. The output voltage can be set by two external resistors to any desired value
between 3 V and 30 V. The TL430 can replace Zener diodes in many applications, providing improved
performance.
The TL430C is characterized for operation from 0
°C to 70°C.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
0
°C to 70°C
TO-226 / TO-92 (LP)
Bulk of 1000
TL430CLP
TL430C
0
°C to 70°C
TO-226 / TO-92 (LP)
Reel of 2000
TL430CLPR
TL430C
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
symbol
REF
CATHODE
ANODE
Copyright
 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LP PACKAGE
(TOP VIEW)
REF
ANODE
CATHODE


同様の部品番号 - TL430_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL430CLP TI-TL430CLP Datasheet
102Kb / 6P
[Old version datasheet]   ADJUSTABLE SHUNT REGULATORS
TL430CLP TI-TL430CLP Datasheet
146Kb / 9P
[Old version datasheet]   ADJUSTABLE SHUNT REGULATORS
TL430CLPE3 TI-TL430CLPE3 Datasheet
146Kb / 9P
[Old version datasheet]   ADJUSTABLE SHUNT REGULATORS
TL430CLPR TI-TL430CLPR Datasheet
146Kb / 9P
[Old version datasheet]   ADJUSTABLE SHUNT REGULATORS
TL430CLPRE3 TI-TL430CLPRE3 Datasheet
146Kb / 9P
[Old version datasheet]   ADJUSTABLE SHUNT REGULATORS
More results

同様の説明 - TL430_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL430 TI-TL430 Datasheet
102Kb / 6P
[Old version datasheet]   ADJUSTABLE SHUNT REGULATORS
TL430 TI-TL430_06 Datasheet
146Kb / 9P
[Old version datasheet]   ADJUSTABLE SHUNT REGULATORS
logo
Gamma Microelectronics ...
GM431A GAMMA-GM431A Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com