データシートサーチシステム |
|
1N4148UB2R データシート(PDF) 9 Page - Microsemi Corporation |
|
1N4148UB2R データシート(HTML) 9 Page - Microsemi Corporation |
9 / 19 page MIL-PRF-19500/116L 9 4. VERIFICATION 4.1 Classification of inspections. The inspection requirements specified herein are classified as follows: a. Qualification inspection (see 4.2). b. Screening (see 4.3). c. Conformance inspection (see 4.4). 4.2 Qualification inspection. Qualification inspection shall be in accordance with MIL-PRF-19500 and as specified herein. 4.2.1 Group E inspection. Group E inspection shall be in accordance with MIL-PRF-19500 and table II herein. 4.3 Screening (JAN, JANTX, and JANTXV levels only). Screening shall be in accordance with table IV of MIL-PRF-19500 and as specified herein. The following measurements shall be made in accordance with table I herein. Devices that exceed the limits of table I herein shall not be acceptable. Screen (see table IV Measurement of MIL-PRF-19500) JAN level JANTX and JANTXV levels 3a Temperature cycling in accordance with MIL-PRF-19500 TX level. Temperature cycling 3c (1) Thermal impedance (see 4.5.5) Thermal impedance (see 4.5.5) 9 Not applicable Not applicable 10 (2) Not applicable Method 1038, condition A, t = 48 hours 11 Not applicable I R1 and V F1 12 Not applicable See 4.3.1, t = 48 hours 13 Not applicable (3) Subgroup 2 of table I herein; 'IR1 = 100 percent of initial reading or 15 nA, whichever is greater; 'VF1 = 25 mV dc. PDA = 10 percent (1) Thermal impedance shall be performed any time after sealing provided temperature cycling is performed in accordance with MIL-PRF-19500, screen 3 prior to this thermal test. (2) Test within 24 hours after removal from test. (3) When thermal impedance is performed prior to screen 13, it is not required to be repeated in screen 13. 4.3.1 Burn-in test conditions. Burn-in conditions are as follows: Type T A +30 qC r5qC V RWM = 75 V (pk) f = 50 - 60 Hz T A = +30 qC r5qC 1N914, 1N914UR I O = 75 mA I F =150 mA min 1N4531, 1N4531UR I O = 125 mA I F = 175 mA min 1N4148-1, 1N4148UR-1, 1N4148UB, 1N4148UB2, 1N4148UBR2 I O = 200 mA I F = 200 mA min |
同様の部品番号 - 1N4148UB2R |
|
同様の説明 - 1N4148UB2R |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |