データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL4050B25 データシート(PDF) 10 Page - Texas Instruments

部品番号 TL4050B25
部品情報  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL4050B25 データシート(HTML) 10 Page - Texas Instruments

Back Button TL4050B25 Datasheet HTML 6Page - Texas Instruments TL4050B25 Datasheet HTML 7Page - Texas Instruments TL4050B25 Datasheet HTML 8Page - Texas Instruments TL4050B25 Datasheet HTML 9Page - Texas Instruments TL4050B25 Datasheet HTML 10Page - Texas Instruments TL4050B25 Datasheet HTML 11Page - Texas Instruments TL4050B25 Datasheet HTML 12Page - Texas Instruments TL4050B25 Datasheet HTML 13Page - Texas Instruments TL4050B25 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VREF
AIN0
AIN1
AIN2
AGND
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DGND
AIN3
VANA
2.2 mF
A1
A0
CLK
DB0
DB1
DB2
DB3
DB4
VDIG
BUSY
WR
CS
RD
3.2-MHz Clock
BUSY Output
Write Input
Read Input
5-V Analog Supply
10 mF
+
+
+
0.1 mF
ADS7842
TL4050B41-Q1
909
0 V to VREF
5 V
1-Hz Rate
VZ
TL4050-Q1
RS
VIN
TL4050-Q1
SLOS588F – JUNE 2008 – REVISED APRIL 2013
www.ti.com
APPLICATION INFORMATION
Figure 7. Start-Up Test Circuit
Output Capacitor
The TL4050-Q1 does not require an output capacitor across cathode and anode for stability. However, in an
application using an output bypass capacitor, the TL4050-Q1 is stable with all capacitive loads.
SOT-23-3 Pin Connections
There is a parasitic Schottky diode connected between pins 2 and 3 of the SOT-23-3 packaged device. Thus,
pin 3 of the SOT-23-3 package must be left floating or connected to pin 2.
Use With ADCs or DACs
The design of the TL4050x41-Q1 is as a cost-effective voltage reference, as required in 12-bit data-acquisition
systems. For 12-bit systems operating from 5-V supplies, such as the ADS7842 (see Figure 8), the TL4050x41-
Q1 (4.096 V) permits operation with an LSB of 1 mV.
Figure 8. Data-Acquisition Circuit With TL4050x41-Q1
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated


同様の部品番号 - TL4050B25

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL4050B25-Q1 TI-TL4050B25-Q1 Datasheet
618Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050B25IDBZR TI-TL4050B25IDBZR Datasheet
618Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050B25IDBZR TI-TL4050B25IDBZR Datasheet
629Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050B25IDBZR TI1-TL4050B25IDBZR Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050B25IDBZR TI1-TL4050B25IDBZR Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

同様の説明 - TL4050B25

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com