データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL4050A50-Q1 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL4050A50-Q1
部品情報  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL4050A50-Q1 データシート(HTML) 4 Page - Texas Instruments

  TL4050A50-Q1 Datasheet HTML 1Page - Texas Instruments TL4050A50-Q1 Datasheet HTML 2Page - Texas Instruments TL4050A50-Q1 Datasheet HTML 3Page - Texas Instruments TL4050A50-Q1 Datasheet HTML 4Page - Texas Instruments TL4050A50-Q1 Datasheet HTML 5Page - Texas Instruments TL4050A50-Q1 Datasheet HTML 6Page - Texas Instruments TL4050A50-Q1 Datasheet HTML 7Page - Texas Instruments TL4050A50-Q1 Datasheet HTML 8Page - Texas Instruments TL4050A50-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DVZ
DIZ
TL4050-Q1
SLOS588F – JUNE 2008 – REVISED APRIL 2013
www.ti.com
TL4050x20-Q1 ELECTRICAL CHARACTERISTICS
at extended temperature range, full range TA = –40°C to 125°C (unless otherwise noted)
TL4050A20-Q1
TL4050B20-Q1
TL4050C20-Q1
PARAMETER
TEST CONDITIONS
TA
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Reverse
VZ
breakdown
IZ = 100 μA
25°C
2.048
2.048
2.048
V
voltage
Reverse
25°C
–2.048
2.048
–4.096
4.096
–10.24
10.24
breakdown
ΔVZ
IZ = 100 μA
mV
Full
voltage
–12.288
12.288
–14.7456
14.7456
–17.2032
17.2032
range
tolerance
25°C
41
60
41
60
41
60
Minimum
IZ,min
cathode
μA
Full
65
65
65
current
range
IZ = 10 mA
25°C
±20
±20
±20
Average
temperature
IZ = 1 mA
25°C
±15
±15
±15
coefficient of
αVZ
ppm/°C
25°C
±15
±15
±15
reverse
breakdown
IZ = 100 μA
Full
±50
±50
±50
voltage
range
25°C
0.3
0.8
0.3
0.8
0.3
0.8
Reverse
IZ,min < IZ < 1 mA
breakdown
Full
1.2
1.2
1.2
voltage
range
change with
mV
25°C
2.3
6
2.3
6
2.3
6
cathode
current
1 mA < IZ < 15 mA
Full
8
8
8
change
range
Reverse
IZ = 1 mA,
ZZ
dynamic
f = 120 Hz,
25°C
0.3
0.3
0.3
impedance
IAC = 0.1 IZ
Wideband
IZ = 100 μA,
eN
25°C
34
34
34
μVRMS
noise
10 Hz
≤ f ≤ 10 kHz
Long-term
stability of
t = 1000 h,
reverse
TA = 25°C ± 0.1°C,
120
120
120
ppm
breakdown
IZ = 100 μA
voltage
Thermal
VHYST
ΔTA = –40°C to 125°C
0.7
0.7
0.7
mV
hysteresis(1)
(1)
Thermal hysteresis is defined as VZ,25°C (after cycling to –40°C) – VZ,25°C (after cycling to 125°C).
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated


同様の部品番号 - TL4050A50-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL4050A50-Q1 TI-TL4050A50-Q1 Datasheet
618Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

同様の説明 - TL4050A50-Q1

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com