データシートサーチシステム |
|
1N823-1 データシート(PDF) 1 Page - Microsemi Corporation |
|
1N823-1 データシート(HTML) 1 Page - Microsemi Corporation |
1 / 2 page 6.2 & 6.55 Volt Temperature Compensated Zener Reference Diodes Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 1 Copyright 2003 10-27-2003 REV C SCOTTSD A L E DIVISION 1N821 thru 1N829A-1 DO-7 DESCRIPTION APPEARANCE The popular 1N821 thru 1N829 series of Zero-TC Reference Diodes provides a selection of both 6.2 V and 6.55 V nominal voltages and temperature coefficients to as low as 0.0005%/oC for minimal voltage change with temperature when operated at 7.5 mA. These glass axial- leaded DO-7 reference diodes are also available in JAN, JANTX, JANTXV, and JANS military qualifications. Microsemi also offers numerous other Zener Reference Diode products for a variety of other voltages up to 200 V. IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com FEATURES APPLICATIONS / BENEFITS • JEDEC registered 1N821 thru 1N829 series • Internal metallurgical bonds • Double anode option with 1N822 and 1N824 selection • Reference voltage selection of 6.2 V & 6.55 V +/-5% with further tight tolerance options at nominal of 6.35 V • 1N821, 823, 825, 827 and 829 also have military qualification to MIL-PRF-19500/159 up to the JANS level by adding JAN, JANTX, JANTXV, or JANS prefixes to part numbers as well as the “-1” suffix, e.g. JANTX1N829-1, etc. • Radiation Hardened devices available by changing “1N” prefix to “RH”, e.g. RH827, RH 829, RH829A, etc. Also consult factory for “RH” data sheet brochure • Military surface mount equivalents also available in DO-213AA with UR-1 suffix and JAN, JANTX, or JANTXV prefix, e.g. JANTX1N829UR-1 (see separate data sheet) • Also available in smaller axial-leaded DO-35 package (see separate data sheet) • Provides minimal voltage changes over a broad temperature range • For instrumentation and other circuit designs requiring a stable voltage reference • Maximum temperature coefficient selections available from 0.01%/ºC to 0.0005%/ºC • Tight voltage tolerances with nominal reference voltages of 6.35 V available by adding tolerance 1%, 2%, 3%, etc. after the part number for identification e.g. 1N827-2%, 1N829A -1%, 1N829- 1-1%, etc. • Flexible axial-lead mounting terminals • Nonsensitive to ESD per MIL-STD-750 Method 1020 MAXIMUM RATINGS MECHANICAL AND PACKAGING • Operating & StorageTemperature: -65oC to +175oC • DC Power Dissipation: 500 mW @ TL = 25oC and maximum current IZM of 70 mA. NOTE: For optimum voltage-temperature stability, IZ = 7.5 mA (less than 50 mW in dissipated power) • Solder temperatures: 260 oC for 10 s (maximum) • CASE: Hermetically sealed glass case with DO-7 (DO-204AA) package • TERMINALS: Tin-lead plated and solderable per MIL-STD-750, Method 2026 • MARKING: Part number and cathode band (except double anode 1N822 and 1N824) • POLARITY: Reference diode to be operated with the banded end positive with respect to the opposite end • TAPE & REEL option: Standard per EIA-296 (add “TR” suffix to part number) • WEIGHT: 0.2 grams. • See package dimensions on last page DO-7 (DO-204AA) |
同様の部品番号 - 1N823-1 |
|
同様の説明 - 1N823-1 |