データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N2484 データシート(PDF) 10 Page - Microsemi Corporation

部品番号 2N2484
部品情報  SMALL SIGNAL BIPOLAR NPN SILICON
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2484 データシート(HTML) 10 Page - Microsemi Corporation

Back Button 2N2484 Datasheet HTML 2Page - Microsemi Corporation 2N2484 Datasheet HTML 3Page - Microsemi Corporation 2N2484 Datasheet HTML 4Page - Microsemi Corporation 2N2484 Datasheet HTML 5Page - Microsemi Corporation 2N2484 Datasheet HTML 6Page - Microsemi Corporation 2N2484 Datasheet HTML 7Page - Microsemi Corporation 2N2484 Datasheet HTML 8Page - Microsemi Corporation 2N2484 Datasheet HTML 9Page - Microsemi Corporation 2N2484 Datasheet HTML 10Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MSCO280A 06-10-98
DSW2N2484 <-> (34285)
2N2484
FIGURE 11
2
10
3
10
4
10
5
10
RG, SOURCE RESISTANCE (OHMS)
0
2
4
6
8
10
0
2
4
6
8
10
NOISE FIGURE (dB) VS SOURCE RESISTANCE
TJ = 25 C
VCE = 5 V
IC = 10 uA
f = 100 Hz


同様の部品番号 - 2N2484

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
2N2484 PHILIPS-2N2484 Datasheet
49Kb / 8P
   NPN general purpose transistor
1997 May 01
logo
Central Semiconductor C...
2N2484 CENTRAL-2N2484 Datasheet
328Kb / 2P
   NPN - Low Noise Amplifier Transistor Chip
logo
STMicroelectronics
2N2484 STMICROELECTRONICS-2N2484 Datasheet
113Kb / 19P
   SEMICONDUCTOR DEVICE, TRANSISTOR, NPN, SILICON, LOW-POWER TYPES 2N2484, 2N2484UA, 2N2484UB, JAN, JANTX, JANTXV, JANS, JANHC, AND JANKC
logo
Continental Device Indi...
2N2484 CDIL-2N2484 Datasheet
227Kb / 3P
   NPN SILICON PLANAR TRANSISTOR
logo
Semicoa Semiconductor
2N2484 SEMICOA-2N2484 Datasheet
31Kb / 1P
   Chip Type 2C2484 Geometry 0307 Polarity NPN
More results

同様の説明 - 2N2484

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
2N2219A MCC-2N2219A Datasheet
136Kb / 9P
   SMALL SIGNAL BIPOLAR NPN SILICON
logo
Microsemi Corporation
2N2219A MICROSEMI-2N2219A Datasheet
231Kb / 2P
   SMALL SIGNAL BIPOLAR NPN SILICON
logo
Micro Commercial Compon...
2N2219A MCC-2N2219A_11 Datasheet
332Kb / 10P
   SMALL SIGNAL BIPOLAR NPN SILICON
logo
Microsemi Corporation
2N2218A MICROSEMI-2N2218A Datasheet
235Kb / 9P
   SMALL SIGNAL BIPOLAR NPN SILICON
2N2221A MICROSEMI-2N2221A Datasheet
295Kb / 9P
   SMALL SIGNAL BIPOLAR NPN SILICON
logo
Seme LAB
BC107 SEME-LAB-BC107 Datasheet
14Kb / 2P
   GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BC107 NJSEMI-BC107 Datasheet
92Kb / 2P
   GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
logo
Fairchild Semiconductor
BC184L FAIRCHILD-BC184L Datasheet
23Kb / 3P
   SILICON NPN SMALL SIGNAL TRANSISTOR
BC184LC FAIRCHILD-BC184LC Datasheet
25Kb / 3P
   Silicon NPN Small Signal Transistor
BC184C FAIRCHILD-BC184C Datasheet
25Kb / 3P
   Silicon NPN Small Signal Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com