データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N3740A データシート(PDF) 2 Page - Microsemi Corporation

部品番号 2N3740A
部品情報  Medium Power PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3740A データシート(HTML) 2 Page - Microsemi Corporation

  2N3740A Datasheet HTML 1Page - Microsemi Corporation 2N3740A Datasheet HTML 2Page - Microsemi Corporation 2N3740A Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSC1040.PDF 03-12-99
2N3740A
ELECTRICAL CHARACTERISTICS:
ELECTRICAL CHARACTERISTICS:
(25
°°Case Temperature Unless Otherwise Noted)
VALUE
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
Min.
Max.
Units
VCEO(sus)*
Collector-Emitter
Sustaining Voltage
IC = 100 mAdc, IB = 0 (Note 1)
60
----
Vdc
IEB0*
Emitter Base Cutoff
Current
VEB = 7.0 Vdc
----
100
nAdc
ICEX*
Collector Cutoff Current
VCE = 60 Vdc, VBE(off) = 1.5 Vdc
VCE = 40 Vdc, VBE(off) = 1.5 Vdc, TC = 150°°C
----
----
100
0.5
nAdc
mAdc
ICEO*
Collector-Emitter Cutoff
Current
VCE = 40 Vdc, IB = 0
----
1.0
µµAdc
ICBO*
Collector Base Cutoff
Current
VCB = 60 Vdc, IE = 0
----
100
nAdc
hFE*
DC Current Gain
(Note 1)
IC = 100 mAdc, VCE = 1.0 Vdc
IC = 250 mAdc, VCE = 1.0 Vdc
IC = 500 mAdc, VCE = 1.0 Vdc
IC = 1.0 Adc, VCE = 1.0 Vdc
40
30
20
10
----
100
----
----
----
----
----
----
VCE(sat)*
Collector-Emitter
Saturation Voltage
(Note 1)
IC = 1.0 Adc, IB = 125 mAdc
----
0.6
Vdc
VBE*
Base-Emitter Voltage
(Note 1)
IC = 250 mAdc, VCE = 1.0 Vdc
----
1.0
Vdc
fT*
Current Gain Bandwidth
Product
IC = 100 mAdc, VCE = 10 Vdc, f = 1.0 MHz
3.0
----
MHz
hfe*
Small-Signal Current
Gain
IC = 50 mAdc, VCE = 10 Vdc, f = 1.0 kHz
25
----
----
Cob*
Common Base Output
Capacitance
VCB = 10 Vdc, IC = 0, f = 100 kHz
----
100
pF
Note 1: Pulse Test: PW
≤≤ 300µµs, Duty Cycle ≤≤ 2.0%
* Indicates JEDEC registered data.


同様の部品番号 - 2N3740A

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
2N3740A CENTRAL-2N3740A Datasheet
86Kb / 1P
   PNP SILICON POWER TRANSISTORS
2N3740A CENTRAL-2N3740A Datasheet
51Kb / 1P
   Power Transistors
logo
Seme LAB
2N3740A SEME-LAB-2N3740A Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
logo
Central Semiconductor C...
2N3740A CENTRAL-2N3740A Datasheet
430Kb / 2P
   PNP SILICON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N3740A NJSEMI-2N3740A Datasheet
234Kb / 2P
   MEDIUM POWER PNP TRANSISTORS
More results

同様の説明 - 2N3740A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STF817 STMICROELECTRONICS-STF817 Datasheet
57Kb / 5P
   PNP MEDIUM POWER TRANSISTORS
logo
Microsemi Corporation
2N3741A MICROSEMI-2N3741A Datasheet
62Kb / 3P
   Medium Power PNP Transistors
logo
NXP Semiconductors
BCP51 PHILIPS-BCP51 Datasheet
44Kb / 8P
   PNP medium power transistors
1999 Apr 08
logo
Guangdong Kexin Industr...
BCX51 KEXIN-BCX51 Datasheet
53Kb / 2P
   PNP Medium Power Transistors
logo
New Jersey Semi-Conduct...
2N3740A NJSEMI-2N3740A Datasheet
234Kb / 2P
   MEDIUM POWER PNP TRANSISTORS
2N3741 NJSEMI-2N3741 Datasheet
200Kb / 2P
   MEDIUM POWER PNP TRANSISTORS
logo
Microsemi Corporation
2N3740 MICROSEMI-2N3740 Datasheet
62Kb / 3P
   Medium Power PNP Transistors
logo
Guangdong Kexin Industr...
KCP5-16 KEXIN-KCP5-16 Datasheet
280Kb / 3P
   PNP Medium Power Transistors
logo
Leshan Radio Company
LBTP180Z4TZHG LRC-LBTP180Z4TZHG Datasheet
406Kb / 5P
   PNP medium power transistors
logo
Nexperia B.V. All right...
BSP31 NEXPERIA-BSP31 Datasheet
327Kb / 7P
   PNP medium power transistors
1999 Apr 26
logo
Guangdong Kexin Industr...
BCP51 KEXIN-BCP51 Datasheet
39Kb / 2P
   PNP Medium Power Transistors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com