データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EP196AMNG データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC100EP196AMNG
部品情報  3.3 V ECL Programmable Delay Chip
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP196AMNG データシート(HTML) 4 Page - ON Semiconductor

  MC100EP196AMNG Datasheet HTML 1Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 2Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 3Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 4Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 5Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 6Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 7Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 8Page - ON Semiconductor MC100EP196AMNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MC100EP196A
http://onsemi.com
4
Table 2. CONTROL PIN
Pin
State
Function
EN
LOW (Note 3)
Input Signal is Propagated to the Output
HIGH
Output Holds Logic Low State
LEN
LOW (Note 3)
Transparent or LOAD mode for real time delay values present on D[0:10].
HIGH
LOCK and HOLD mode for delay values on D[0:10]; further changes on D[0:10]
are not recognized and do not affect delay.
SETMIN
LOW (Note 3)
Output Delay set by D[0:10]
HIGH
Set Minimum Output Delay
SETMAX
LOW (Note 3)
Output Delay set by D[0:10]
HIGH
Set Maximum Output Delay
D10
LOW (Note 3)
CASCADE Output LOW, CASCADE Output HIGH
HIGH
CASCADE Output LOW, CASCADE Output HIGH
3. Internal pulldown resistor will provide a logic LOW if pin is left unconnected.
Table 3. CONTROL D[0:10] INTERFACE
VCF
VEF Pin (Note 4)
ECL Mode
VCF
No Connect
LVCMOS Mode
VCF
1.5 V
$ 100 mV
LVTTL Mode (Note 5)
4. Short VCF (pin 8) and VEF (pin 7).
5. When Operating in LVTTL Mode, the reference voltage can be provided by connecting an external resistor, RCF (suggested resistor value
is 2.2 k
W $5%), between VCF and VEE pins.
Table 4. DATA INPUT ALLOWED OPERATING VOLTAGE MODE TABLE
POWER SUPPLY
CONTROL DATA SELECT INPUTS PINS (D [0:10])
LVCMOS
LVTTL
LVPECL
LVNECL
PECL Mode Operating Range
YES
YES
YES
N/A
NECL Mode Operating Range
N/A
N/A
N/A
YES
Table 5. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
(R1)
75 k
W
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 100 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 6)
Pb Pkg
Pb−Free Pkg
LQFP−32
Level 2
Level 2
QFN−32
Level 1
Flammability Rating Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
1237 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
6. For additional information, see Application Note AND8003/D.


同様の部品番号 - MC100EP196AMNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EP196 ONSEMI-MC100EP196 Datasheet
146Kb / 20P
   3.3V ECL Programmable Delay Chip with FTUNE
October, 2004 ??Rev. 10
MC100EP196 ONSEMI-MC100EP196 Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
MC100EP196B ONSEMI-MC100EP196B Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
MC100EP196BFA ONSEMI-MC100EP196BFA Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
MC100EP196BFAG ONSEMI-MC100EP196BFAG Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
More results

同様の説明 - MC100EP196AMNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EP196B ONSEMI-MC100EP196B Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC10E196 ONSEMI-MC10E196_06 Datasheet
158Kb / 12P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 9
MC10E195 ONSEMI-MC10E195_06 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC100EP196B ONSEMI-MC100EP196B_14 Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com