データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCP-3033N データシート(PDF) 6 Page - ON Semiconductor

部品番号 TCP-3033N
部品情報  3.3 pF Passive Tunable Integrated Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCP-3033N データシート(HTML) 6 Page - ON Semiconductor

  TCP-3033N Datasheet HTML 1Page - ON Semiconductor TCP-3033N Datasheet HTML 2Page - ON Semiconductor TCP-3033N Datasheet HTML 3Page - ON Semiconductor TCP-3033N Datasheet HTML 4Page - ON Semiconductor TCP-3033N Datasheet HTML 5Page - ON Semiconductor TCP-3033N Datasheet HTML 6Page - ON Semiconductor TCP-3033N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TCP−3033N
www.onsemi.com
6
PACKAGE DIMENSIONS
WLCSP10, 1.03x0.72
CASE 567KD
ISSUE A
SEATING
PLANE
0.05 C
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. COPLANARITY APPLIES TO SPHERICAL
CROWNS OF SOLDER BALLS.
2X
DIM
A
MIN
MAX
0.590
MILLIMETERS
A1
D
1.029 BSC
E
b1
0.044
0.094
e
0.150 BSC
0.639
E
D
A B
PIN A1
REFERENCE
e4
0.05 C
C
B
A
0.06 C
A1
C
0.069
0.093
0.722 BSC
DIMENSIONS: MILLIMETERS
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.05 C
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 3
e
e1
0.114 BSC
RECOMMENDED
PACKAGE
OUTLINE
12
A1
b
0.079
0.129
A
e3
DETAIL A
e2
0.300 BSC
e3
0.460 BSC
e4
0.425 BSC
DETAIL A
A
0.05
B
C
0.03 C
8X
b
DETAIL B
E
D
e1
e2
8X
b1
DETAIL B
A
0.05
B
C
0.03 C
2X
b1
2X
b
0.13
2X
0.59
0.57
0.15
2X
0.60
2X
0.48
0.13
2X
0.41


同様の部品番号 - TCP-3033N

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TCP-3033H ONSEMI-TCP-3033H Datasheet
346Kb / 9P
   3.3 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P1
More results

同様の説明 - TCP-3033N

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TCP-3133H ONSEMI-TCP-3133H Datasheet
209Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-4133UB ONSEMI-TCP-4133UB Datasheet
232Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3033H ONSEMI-TCP-3033H Datasheet
346Kb / 9P
   3.3 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P1
TCP-5033UB ONSEMI-TCP-5033UB Datasheet
243Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. P1
TCP-4133UA ONSEMI-TCP-4133UA Datasheet
232Kb / 7P
   High-Linearity 3.3 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-4139UB ONSEMI-TCP-4139UB Datasheet
239Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3127H ONSEMI-TCP-3127H Datasheet
233Kb / 7P
   2.7 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3139H ONSEMI-TCP-3139H Datasheet
217Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2
TCP-3068N ONSEMI-TCP-3068N Datasheet
243Kb / 7P
   6.8 pF Passive Tunable Integrated Circuits
October, 2014 ??Rev. 0
TCP-4168UB ONSEMI-TCP-4168UB Datasheet
238Kb / 7P
   6.8 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com