データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCP-3047N データシート(PDF) 4 Page - ON Semiconductor

部品番号 TCP-3047N
部品情報  4.7 pF Passive Tunable Integrated Circuits (PTIC)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCP-3047N データシート(HTML) 4 Page - ON Semiconductor

  TCP-3047N Datasheet HTML 1Page - ON Semiconductor TCP-3047N Datasheet HTML 2Page - ON Semiconductor TCP-3047N Datasheet HTML 3Page - ON Semiconductor TCP-3047N Datasheet HTML 4Page - ON Semiconductor TCP-3047N Datasheet HTML 5Page - ON Semiconductor TCP-3047N Datasheet HTML 6Page - ON Semiconductor TCP-3047N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TCP−3047N
http://onsemi.com
4
ASSEMBLY CONSIDERATIONS AND REFLOW PROFILE
The following assembly considerations should be observed:
Cleanliness
These chips should be handled in a clean environment
.
Electro-static Sensitivity
ON Semiconductor’s PTICs are ESD Class 1A sensitive.
The proper ESD handling procedures should be used.
Mounting
The WLCSP PTIC is fabricated for Flip Chip solder
mounting. Connectivity to the RF and Bias terminations on
the PTIC die is established through copper pillar posts
(53
mm nominal height) topped with lead-free SAC351
solder caps (28
mm nominal height). The PTIC die is
RoHS-compliant and compatible with lead-free soldering
profile.
Post-reflow Cleaning
Use of ultrasonic cleaning is not recommended for
pillared devices as it may lead to premature fatigue failure
of the pillars.
Molding
The PTIC die is compatible for over-molding or
under-fill.
Figure 5. Reflow Profile
ORIENTATION OF THE PTIC FOR OPTIMUM LOSSES
When configuring the PTIC in your specific circuit
design, at least one of the RF terminals must be connected
to DC ground. If minimum transition times are required, DC
ground on both RF terminals is recommended. To minimize
losses, the PTIC should be oriented such that RF2 is at the
lower RF impedance of the two RF nodes. A shunt PTIC, for
example, should have RF2 connected to RF ground.
Figure 6. PTIC Orientation Functional Block
Diagram
Bias
RF
ANT
RF1
(PTIC Pad)
RF2
(PTIC Pad)


同様の部品番号 - TCP-3047N

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TCP-3047H ONSEMI-TCP-3047H Datasheet
397Kb / 9P
   4.7 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P2
More results

同様の説明 - TCP-3047N

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TCP-3147H ONSEMI-TCP-3147H Datasheet
260Kb / 7P
   4.7 pF Passive Tunable Integrated Circuits (PTIC)
July, 2015 ??Rev. 2
TCP-4147UB ONSEMI-TCP-4147UB Datasheet
292Kb / 7P
   4.7 pF Passive Tunable Integrated Circuits (PTIC)
October, 2015 ??Rev. 0
TCP-3047H ONSEMI-TCP-3047H Datasheet
397Kb / 9P
   4.7 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P2
TCP-5047UB ONSEMI-TCP-5047UB Datasheet
229Kb / 7P
   4.7 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. 0
TCP-3027H ONSEMI-TCP-3027H Datasheet
371Kb / 9P
   2.7 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P2
TCP-5027UB ONSEMI-TCP-5027UB Datasheet
243Kb / 7P
   2.7 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. P1
TCP-5082UB ONSEMI-TCP-5082UB Datasheet
231Kb / 7P
   8.2 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. P1
TCP-5018UB ONSEMI-TCP-5018UB Datasheet
209Kb / 7P
   1.8 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. 0
TCP-3012H ONSEMI-TCP-3012H Datasheet
371Kb / 9P
   1.2 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P2
TCP-3033H ONSEMI-TCP-3033H Datasheet
346Kb / 9P
   3.3 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com