データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCP-4133UA データシート(PDF) 3 Page - ON Semiconductor

部品番号 TCP-4133UA
部品情報  High-Linearity 3.3 pF Passive Tunable Integrated Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCP-4133UA データシート(HTML) 3 Page - ON Semiconductor

  TCP-4133UA Datasheet HTML 1Page - ON Semiconductor TCP-4133UA Datasheet HTML 2Page - ON Semiconductor TCP-4133UA Datasheet HTML 3Page - ON Semiconductor TCP-4133UA Datasheet HTML 4Page - ON Semiconductor TCP-4133UA Datasheet HTML 5Page - ON Semiconductor TCP-4133UA Datasheet HTML 6Page - ON Semiconductor TCP-4133UA Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TCP−4133UA
www.onsemi.com
3
TYPICAL SPECIFICATIONS
Representative Performance Data at 25
5C
Table 2. PERFORMANCE DATA
Parameter
Min
Typ
Max
Units
Operating Bias Voltage
1.0
24
V
Capacitance (Vbias = 2 V)
2.97
3.30
3.63
pF
Capacitance (Vbias = 24 V)
0.660
0.733
0.807
pF
Tuning Range (1 V - 24 V)
4.70
5.10
5.80
Tuning Range (2 V - 24 V)
4.10
4.50
5.20
Leakage Current (WLCSP)
0.5
mA
Operating Frequency
700
2700
MHz
Quality Factor @ 700 MHz, 10 V
70
Quality Factor @ 2.4 GHz, 10 V
35
IP3 (Vbias = 2 V) [1,3]
72
dBm
IP3 (Vbias = 24 V) [1,3]
82
dBm
2nd Harmonic (Vbias = 2 V) [2,3]
-65
dBm
2nd Harmonic (Vbias = 24 V) [2,3]
-75
dBm
3rd Harmonic (Vbias = 2 V) [2,3]
-50
dBm
3rd Harmonic (Vbias = 24 V) [2,3]
-70
dBm
Transition Time (Cmin
³ Cmax) [4]
80
ms
Transition Time (Cmax
³ Cmin) [4]
70
ms
1. f1 = 850 MHz, f2 = 860 MHz, Pin 25 dBm/Tone
2. 850 MHz, Pin +34 dBm
3. IP3 and Harmonics are measured in the shunt configuration in a 50
W environment
4. RFIN and RFOUT are both connected to DC ground


同様の部品番号 - TCP-4133UA

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TCP-4133UB ONSEMI-TCP-4133UB Datasheet
232Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
More results

同様の説明 - TCP-4133UA

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TCP-3033N ONSEMI-TCP-3033N Datasheet
224Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
January, 2015 ??Rev. 1
TCP-3133H ONSEMI-TCP-3133H Datasheet
209Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-4133UB ONSEMI-TCP-4133UB Datasheet
232Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-4127UA ONSEMI-TCP-4127UA Datasheet
255Kb / 7P
   High-Linearity 2.7 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3033H ONSEMI-TCP-3033H Datasheet
346Kb / 9P
   3.3 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P1
TCP-5033UB ONSEMI-TCP-5033UB Datasheet
243Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. P1
TCP-4139UB ONSEMI-TCP-4139UB Datasheet
239Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3127H ONSEMI-TCP-3127H Datasheet
233Kb / 7P
   2.7 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3139H ONSEMI-TCP-3139H Datasheet
217Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2
TCP-3068N ONSEMI-TCP-3068N Datasheet
243Kb / 7P
   6.8 pF Passive Tunable Integrated Circuits
October, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com