データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FP56-45 データシート(PDF) 1 Page - TRIAD MAGNETICS

部品番号 FP56-45
部品情報  PC Mount: Flat Pack
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIAD [TRIAD MAGNETICS]
ホームページ  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

FP56-45 データシート(HTML) 1 Page - TRIAD MAGNETICS

  FP56-45_13 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Transformer
PC Mount: Flat Pack
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
1
2
4
37
8
6
5
5
6
8
7
34
2
1
.060 DIA HOLES
B
E
E
E
F
A
C
D
FP56-45
Electrical Specifications (@25C)
1. Maximum Power: 2.5 VA
2. Primary Voltage:
Series:
230V@50/60 Hz
Parallel: 115V@50/60Hz
3. Secondary:
Series:
56.0VCT @ 0.045Amps
Parallel:
28.0V @ 0.090 Amps
Description:
The FP56-45 is part of a series which has a long history of reliable service in the
field, made from a proven design and constructed with UL recognized materials.
Construction:
Wound on two dual channel nylon bobbin. Materials are UL recognized, Class B
(130º C) rated.
Safety:
These products are 100% hipot tested with an insulation of 2000V between
primary and secondary windings and 1500V between the primary / secondary
windings and the core.
Agency File:
UL: File E53148, UL 506, Class B General Purpose Transformer,
cUL: File E53148, UL 506, Class B General Purpose Transformer, Canadian Use
Dimensions:
A
B
C
D
E
F
1.875
1.562
0.650
0.267
0.375
1.600
Units: In inches
Weight:
5.0 oz
Pin Dimension: .020 x .041 in
Schematic:
RoHS Compliance: As of manufacturing date February 2005, all standard products meet
the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad
Magnetics’ website for the most current version.


同様の部品番号 - FP56-45_13

メーカー部品番号データシート部品情報
logo
TRIAD MAGNETICS
FP56-45 TRIAD-FP56-45 Datasheet
45Kb / 1P
   FP56-45
More results

同様の説明 - FP56-45_13

メーカー部品番号データシート部品情報
logo
TRIAD MAGNETICS
FP56-425 TRIAD-FP56-425 Datasheet
53Kb / 1P
   PC Mount: Flat Pack
FP120-100 TRIAD-FP120-100 Datasheet
53Kb / 1P
   PC Mount: Flat Pack
FP56-100 TRIAD-FP56-100_13 Datasheet
53Kb / 1P
   PC Mount: Flat Pack
FP40-1200 TRIAD-FP40-1200 Datasheet
97Kb / 1P
   PC Mount: Flat Pack
FP56-200 TRIAD-FP56-200_13 Datasheet
53Kb / 1P
   PC Mount: Flat Pack
FP88-28 TRIAD-FP88-28 Datasheet
53Kb / 1P
   PC Mount: Flat Pack
FP88-130 TRIAD-FP88-130 Datasheet
53Kb / 1P
   PC Mount: Flat Pack
FP120-20 TRIAD-FP120-20 Datasheet
53Kb / 1P
   PC Mount: Flat Pack
FP120-50 TRIAD-FP120-50 Datasheet
53Kb / 1P
   PC Mount: Flat Pack
FP88-65 TRIAD-FP88-65 Datasheet
53Kb / 1P
   PC Mount: Flat Pack
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com