データシートサーチシステム |
|
UA78L05CLPE3 データシート(PDF) 6 Page - Texas Instruments |
|
|
UA78L05CLPE3 データシート(HTML) 6 Page - Texas Instruments |
6 / 27 page μA78L00 SLVS010U – JANUARY 1976 – REVISED MAY 2011 www.ti.com uA78L09 Electrical Characteristics at specified virtual junction temperature, VI = 16 V, IO = 40 mA (unless otherwise noted) μA78L09C μA78L09AC PARAMETER TEST CONDITIONS TJ (1) UNIT MIN TYP MAX MIN TYP MAX 25°C 8.3 9 9.7 8.6 9 9.4 VI = 12 V to 24 V, IO = 1 mA to 40 mA Output voltage 0°C to 125°C 8.1 9.9 8.55 9.45 V IO = 1 mA to 70 mA 0°C to 125°C 8.1 9.9 8.55 9.45 VI = 12 V to 24 V 45 225 45 175 Input voltage 25°C mV regulation VI = 13 V to 24 V 40 175 40 125 VI = 15 V to 25 V, Ripple rejection 25°C 36 45 38 45 dB f = 120 Hz IO = 1 mA to 100 mA 19 90 19 90 Output voltage 25°C mV regulation IO = 1 mA to 40 mA 11 40 11 40 Output noise f = 10 Hz to 100 kHz 25°C 58 58 μV voltage Dropout voltage 25°C 1.7 1.7 V 25°C 4.1 6 4.1 6 Bias current mA 125°C 5.5 5.5 VI = 13 V to 24 V 1.5 1.5 Bias current 0°C to 125°C mA change IO = 1 mA to 40 mA 0.2 0.1 (1) Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33- μF capacitor across the input and a 0.1-μF capacitor across the output. uA78L10 Electrical Characteristics at specified virtual junction temperature, VI = 14 V, IO = 40 mA (unless otherwise noted) μA78L10AC PARAMETER TEST CONDITIONS TJ (1) UNIT MIN TYP MAX 25°C 9.6 10 10.4 VI = 13 V to 25 V, IO = 1 mA to 40 mA Output voltage 0°C to 125°C 9.5 10.5 V IO = 1 mA to 70 mA 0°C to 125°C 9.5 10.5 VI = 13 V to 25 V 51 175 Input voltage regulation 25°C mV VI = 14 V to 25 V 42 125 Ripple rejection VI = 15 V to 25 V, f = 120 Hz 25°C 37 44 dB IO = 1 mA to 100 mA 20 90 Output voltage regulation 25°C mV IO = 1 mA to 40 mA 11 40 Output noise voltage f = 10 Hz to 100 kHz 25°C 62 μV Dropout voltage 25°C 1.7 V 25°C 4.2 6 Bias current mA 125°C 5.5 VI = 14 V to 25 V 1.5 Bias current change 0°C to 125°C mA IO = 1 mA to 40 mA 0.1 (1) Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33- μF capacitor across the input and a 0.1-μF capacitor across the output. 6 Submit Documentation Feedback Copyright © 1976–2011, Texas Instruments Incorporated Product Folder Links :μA78L00 |
同様の部品番号 - UA78L05CLPE3 |
|
同様の説明 - UA78L05CLPE3 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |