データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC2856Q データシート(PDF) 3 Page - Texas Instruments

部品番号 UC2856Q
部品情報  IMPROVED CURRENT MODE PWM CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC2856Q データシート(HTML) 3 Page - Texas Instruments

  UC2856Q_15 Datasheet HTML 1Page - Texas Instruments UC2856Q_15 Datasheet HTML 2Page - Texas Instruments UC2856Q_15 Datasheet HTML 3Page - Texas Instruments UC2856Q_15 Datasheet HTML 4Page - Texas Instruments UC2856Q_15 Datasheet HTML 5Page - Texas Instruments UC2856Q_15 Datasheet HTML 6Page - Texas Instruments UC2856Q_15 Datasheet HTML 7Page - Texas Instruments UC2856Q_15 Datasheet HTML 8Page - Texas Instruments UC2856Q_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
UC2856Q
www.ti.com
SGLS265A
– NOVEMBER 2004 – REVISED MAY 2011
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1) (2)
UNIT
Supply voltage
40 V
Collector supply voltage
40 V
DC
0.5 A
IO
Output current (sink or source)
Pulse (0.5 ms)
2 A
Error amplifier input voltage
–0.3 V to VIN
Shutdown input voltage
–0.3 V to 10 V
Current sense input voltage
–0.3 V to 3 V
SYNC output current
±10 mA
Error amplifier output current
-5 mA
Soft start sink current
50 mA
Oscillator charging current
5 mA
TA = 25°C
1 W
Power dissipation
TC = 25°C
2 W
TJ
Operating junction temperature range
–55°C to 150°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Unless otherwise indicated, voltages are reference to ground and currents are positive into and negative out of the specified terminals.
ELECTRICAL CHARACTERISTICS
TA = –40°C to 125°C, VIN = 15 V, RT = 10 kΩ, CT = 1 nF, and TA = TJ (unless otherwise stated)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE SECTION
Output voltage
IO = 1 mA,
TJ = 25°C
5.05
5.1
5.15
V
Line regulation voltage
VIN = 8 V to 40 V
20
mV
Load regulation voltage
IO = –1 mA to –10 mA
15
mV
Total output variation
Line, Load, and Temperature
5
5.2
V
Output noise voltage
f = 10 Hz to 10 kHz,
TJ = 25°C
50
µV
Long term stability
1000 hours, (2)
TJ = 25°C
5
25
mV
Short circuit current
VREF = 0 V
–25
–45
–65
mA
OSCILLATOR SECTION
TJ = 25°C
180
200
220
Initial accuracy
kHz
TJ = Full range
170
230
Voltage stability
VIN = 8 V to 40 V
2%
VCT = 2 V,
TJ = 25°C
7.5
8
8.8
Discharge current
mA
VCT = 2 V
6.7
8
8.8
Sync output high level voltage
IO = –1 mA
2.4
3.6
V
Sync output low level voltage
IO = 1 mA
0.2
0.4
V
Sync input high level voltage
CT = 0 V, RT = VREF
2
1.5
V
Sync input low level voltage
CT = 0 V, RT = VREF
1.5
0.8
V
Sync input current
CT = 0 V, RT = VREF,VSYNC = 5 V
1
10
µA
Sync delay to outputs
CT = 0 V RT = VREF, VSYNC = 0.8 V to 2 V
50
100
ns
(1)
All voltages are with respect to GND. Currents are positive into, negative out of the specified terminal.
(2)
This parameter, although specified over the recommended operating conditions, is not 100% tested in production.
Copyright
© 2004–2011, Texas Instruments Incorporated
3


同様の部品番号 - UC2856Q_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC2856QDWR TI-UC2856QDWR Datasheet
260Kb / 12P
[Old version datasheet]   IMPROVED CURRENT MODE PWM CONTROLLER
UC2856QDWRQ1 TI-UC2856QDWRQ1 Datasheet
218Kb / 12P
[Old version datasheet]   IMPROVED CURRENT-MODE PWM CONTROLLER
More results

同様の説明 - UC2856Q_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1856-SP TI1-UC1856-SP Datasheet
563Kb / 24P
[Old version datasheet]   Improved Current-Mode PWM Controller
UC1856J TI-UC1856J Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC2856-Q1 TI-UC2856-Q1_15 Datasheet
685Kb / 16P
[Old version datasheet]   IMPROVED CURRENT-MODE PWM CONTROLLER
UC1856 TI-UC1856 Datasheet
386Kb / 9P
[Old version datasheet]   Improved Current Mode PWM Controller
UC2856-Q1 TI-UC2856-Q1 Datasheet
218Kb / 12P
[Old version datasheet]   IMPROVED CURRENT-MODE PWM CONTROLLER
UC2856Q TI-UC2856Q Datasheet
260Kb / 12P
[Old version datasheet]   IMPROVED CURRENT MODE PWM CONTROLLER
UC3856N TI1-UC3856N Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC1856 TI1-UC1856_12 Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC1856-SP TI-UC1856-SP_15 Datasheet
454Kb / 23P
[Old version datasheet]   UC1856-SP Improved Current-Mode PWM Controller
logo
Intersil Corporation
ISL6840 INTERSIL-ISL6840_07 Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com