データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5205-3GT3 データシート(PDF) 2 Page - ON Semiconductor

部品番号 CS5205-3GT3
部品情報  5.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5205-3GT3 データシート(HTML) 2 Page - ON Semiconductor

  CS5205-3GT3 Datasheet HTML 1Page - ON Semiconductor CS5205-3GT3 Datasheet HTML 2Page - ON Semiconductor CS5205-3GT3 Datasheet HTML 3Page - ON Semiconductor CS5205-3GT3 Datasheet HTML 4Page - ON Semiconductor CS5205-3GT3 Datasheet HTML 5Page - ON Semiconductor CS5205-3GT3 Datasheet HTML 6Page - ON Semiconductor CS5205-3GT3 Datasheet HTML 7Page - ON Semiconductor CS5205-3GT3 Datasheet HTML 8Page - ON Semiconductor CS5205-3GT3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CS5205−1, CS5205−3, CS5205−5
http://onsemi.com
2
+
Thermal
Shutdown
Bandgap
Output
Current
Limit
Error
Amplifier
VOUT
GND
VIN
Figure 2. Block Diagram − CS5205−3, −5
MAXIMUM RATINGS*
Parameter
Value
Unit
Supply Voltage, VCC
17
V
Operating Temperature Range
−40 to +70
°C
Junction Temperature
150
°C
Storage Temperature Range
−60 to +150
°C
Lead Temperature Soldering:
Wave Solder (through hole styles only) Note 1
Reflow (SMD styles only) Note 2
260 Peak
230 Peak
°C
°C
1. 10 second maximum.
2. 60 second maximum above 183°C.
*The maximum package power dissipation must be observed.
ELECTRICAL CHARACTERISTICS (CIN = 10 mF, COUT = 22 mF Tantalum, VIN − VOUT = 3.0 V, VIN ≤ 15 V,
0°C ≤ TA ≤ 70°C, TJ ≤ +150°C, unless otherwise specified, Ifull load = 5.0 A.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Adjustable Output Voltage (CS5205−1)
Reference Voltage (Notes 3 and 4)
VIN − VOUT = 1.5 V; VAdj = 0 V,
10 mA ≤ IOUT ≤ 5.0 A
1.241
(−1%)
1.254
1.266
(+1%)
V
Line Regulation
1.5 V ≤ VIN − VOUT ≤ 6.0 V; IOUT = 10 mA
0.04
0.20
%
Load Regulation (Notes 3 and 4)
VIN − VOUT = 1.5 V; 10 mA ≤ IOUT ≤ 5.0 A
0.08
0.4
%
Dropout Voltage (Note 5)
IOUT = 5.0 A
1.2
1.3
V
Current Limit
VIN − VOUT = 3.0 V; TJ ≥ 25°C
VIN − VOUT = 9.0 V
5.5
8.5
1.0
A
A
Minimum Load Current
VIN − VOUT = 7.0 V
1.2
6.0
mA
Adjust Pin Current
50
100
mA
Adjust Pin Current Change
1.5 V ≤ VIN − VOUT ≤ 4.0 V;
10 mA ≤ IOUT ≤ 5.0 A
0.2
5.0
mA
Thermal Regulation
30 ms pulse; TA = 25°C
0.003
%W
3. Load regulation and output voltage are measured at a constant junction temperature by low duty cycle pulse testing. Changes in output
voltage due to thermal gradients or temperature changes must be taken into account separately.
4. Specifications apply for an external Kelvin sense connection at a point on the output pin 1/4” from the bottom of the package.
5. Dropout voltage is a measurement of the minimum input/output differential at full load.


同様の部品番号 - CS5205-3GT3

メーカー部品番号データシート部品情報
logo
Cherry Semiconductor Co...
CS5205-3GT3 CHERRY-CS5205-3GT3 Datasheet
163Kb / 7P
   5A Adjustable, and 3.3V and 5V Fixed Linear Regulators
More results

同様の説明 - CS5205-3GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CS5204-1 ONSEMI-CS5204-1_06 Datasheet
239Kb / 9P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006 ??Rev. 9
CS5206-3 ONSEMI-CS5206-3 Datasheet
77Kb / 10P
   6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators
January, 2004 ??Rev. 7
CS5204-1 ONSEMI-CS5204-1 Datasheet
73Kb / 10P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
January, 2004 ??Rev. 8
CS5203A-1 ONSEMI-CS5203A-1 Datasheet
86Kb / 10P
   3.0 A Adjustable, and Fixed 1.5 V, 3.3 V and 5.0 V Linear Regulators
June, 2004 ??Rev. 7
CS5205-2 ONSEMI-CS5205-2 Datasheet
56Kb / 8P
   5.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 8
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
CS5205A-1 ONSEMI-CS5205A-1 Datasheet
219Kb / 8P
   5.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
logo
Rohm
BD4XXM5-C ROHM-BD4XXM5-C Datasheet
1Mb / 39P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
22.Feb.2017 Rev.006
BD450M5FP-CE2 ROHM-BD450M5FP-CE2 Datasheet
1Mb / 40P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com