データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC824206XA--VH データシート(PDF) 8 Page - ON Semiconductor

部品番号 LC824206XA--VH
部品情報  5:1 Micro USB Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC824206XA--VH データシート(HTML) 8 Page - ON Semiconductor

Back Button LC824206XA--VH Datasheet HTML 4Page - ON Semiconductor LC824206XA--VH Datasheet HTML 5Page - ON Semiconductor LC824206XA--VH Datasheet HTML 6Page - ON Semiconductor LC824206XA--VH Datasheet HTML 7Page - ON Semiconductor LC824206XA--VH Datasheet HTML 8Page - ON Semiconductor LC824206XA--VH Datasheet HTML 9Page - ON Semiconductor LC824206XA--VH Datasheet HTML 10Page - ON Semiconductor LC824206XA--VH Datasheet HTML 11Page - ON Semiconductor LC824206XA--VH Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LC824206XA
No.A2222-8/15
Function Description
Charger Detection
By using charger detector circuit including built-in D+/D- short-circuit detector, you can judge the connection of DP pin
and DM pin and then detect charger according to USB Charger and Battery Charging Specification Revision 1.2 as well as
CEA936-A automotive kit specification. This IC can detect the charger of the following list.
Accessory ID Detection
Accessory is detected according to CEA936-A automotive kit and ACA standard including MCPC standard using ID
detection circuit including built-in 5-bit ADC. Accessories are judged from the resistance value of accessory (RID)
connected to ID pin. ID range of RID varies depends on each standard. See Resistance (RID) and Detectable accessory for
the further details.
Resistance (RID) and Detectable Accessory
RID
Detectable Accessory
Comments
Open
No Accessory
Open
AC Adapter (Fast Charger)
(D+/D- : Shorted)
Open(over 1M)
USB-Mode
(D+/D- : Not shorted)
750k + 47k
(759k-835k)
Audio with MIC (Mono)
Audio with MIC (Mono)
+Charger (Std Charger) with VBUS
(D+/D- : Not shorted)
510k + 47k
(531k-583k)
Audio (Mono Earphone) + MIC (D+ in)
Carkit (Type2)
Audio (Mono Earphone) + Charger (Std
Charger) + MIC (D+ in) with VBUS
(D+/D- : Not shorted)
440k
(436k-444k)
Fast Charger (Typ2 Charger)
Charger 5Wire/Type2
(D+/D- : Shorted)
Carkit (Type2)
BasicCarkit 5Wire/type2
also used for Muting (D- : High)
390k
(379k-408k)
Video-Audio
Video-Audio with VBUS
(D+/D- : Not shorted)
Detectable charger list
Standard Downstream Port (USB mode)
Dedicated Charging Port (D+/D- short ACC)
Charging Downstream Port (USB mode)
Apple Charger
SONY Charger
D- High Charger (Basic CarKit Type1,2 ACC)
VBUS only ACC (No Charger Detect)


同様の部品番号 - LC824206XA--VH

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC824204-13YB-VH ONSEMI-LC824204-13YB-VH Datasheet
343Kb / 14P
   4:1 Micro USB Switch
October, 2013 Ver. 1.0
More results

同様の説明 - LC824206XA--VH

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ENA2221 ONSEMI-ENA2221 Datasheet
343Kb / 14P
   4:1 Micro USB Switch
October, 2013 Ver. 1.0
logo
Texas Instruments
TSU6111 TI1-TSU6111 Datasheet
869Kb / 25P
[Old version datasheet]   SP2T Switch with Impedance Detection Micro-USB Switch to Support USB, UART
logo
Tripp Lite. All Rights ...
U426-003 TRIPPLITE-U426-003 Datasheet
178Kb / 3P
   USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB 3.0 Micro-B (M/M), 3 ft.
U05206N TRIPPLITE-U05206N Datasheet
470Kb / 2P
   Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB A to USB A M-F, 6-in
logo
Molex Electronics Ltd.
47346-0001 MOLEX-47346-0001 Datasheet
115Kb / 2P
   Micro-USB
logo
Tripp Lite. All Rights ...
U052-06N TRIPPLITE-U052-06N Datasheet
155Kb / 3P
   Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB B to USB A M/F, 6-in.
logo
Wurth Elektronik GmbH &...
629105136821 WURTH-629105136821 Datasheet
519Kb / 2P
   MICRO USB 2.0 SMT TYPE B 5 CONTACTS
logo
Tripp Lite. All Rights ...
U052-06N-WH TRIPPLITE-U052-06N-WH Datasheet
160Kb / 3P
   Micro USB to USB OTG Host Adapter Cable, 5-Pin USB Micro-B to USB-A (M/F), White, 6 in.
logo
Texas Instruments
TSU6712 TI1-TSU6712 Datasheet
738Kb / 43P
[Old version datasheet]   SP4T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND VIDEO
MAY2011
TSU5511 TI1-TSU5511 Datasheet
363Kb / 25P
[Old version datasheet]   SP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com