データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SD1803T-E データシート(PDF) 1 Page - ON Semiconductor

部品番号 2SD1803T-E
部品情報  Bipolar Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1803T-E データシート(HTML) 1 Page - ON Semiconductor

  2SD1803T-E Datasheet HTML 1Page - ON Semiconductor 2SD1803T-E Datasheet HTML 2Page - ON Semiconductor 2SD1803T-E Datasheet HTML 3Page - ON Semiconductor 2SD1803T-E Datasheet HTML 4Page - ON Semiconductor 2SD1803T-E Datasheet HTML 5Page - ON Semiconductor 2SD1803T-E Datasheet HTML 6Page - ON Semiconductor 2SD1803T-E Datasheet HTML 7Page - ON Semiconductor 2SD1803T-E Datasheet HTML 8Page - ON Semiconductor 2SD1803T-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
60612EA TKIM TA-4030, TA-4052/N2503TN (KT)/92098HA (KT)/8309MO/3097AT, TS No.2085-1/10
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
2SB1203/2SD1803
Bipolar Transistor
(–)50V, (–)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
Applications
Relay drivers, high-speed inverters, converters, and other general high-current switching applications
Features
Low collector-to-emitter saturation voltage
High current and high fT
Excellent linearity of hFE
Fast switching speed
Small and slim package making it easy to make 2SB1203/2SD1803-applied sets smaller
Specifications ( ): 2SB1203
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)60
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)5
A
Collector Current (Pulse)
ICP
(--)8
A
Continued on next page.
Package Dimensions unit : mm (typ)
Package Dimensions unit : mm (typ)
7518-003
7003-003
Ordering number : EN2085C
Product & Package Information
• Package : TP
• Package : TP-FA
• JEITA, JEDEC : SC-64, TO-251
• JEITA, JEDEC : SC-63, TO-252
• Minimum Packing Quantity : 500 pcs./bag
• Minimum Packing Quantity : 700 pcs./reel
Marking
Packing Type (TP-FA) : TL
Electrical Connection
(TP, TP-FA)
TL
6.5
5.0
2.3
0.5
12
4
3
0.85
0.7
1.2
0.6
0.5
2.3 2.3
1 : Base
2 : Collector
3 : Emitter
4 : Collector
TP
6.5
5.0
2.3
0.5
12
4
3
0.85
0.6
0.5
1.2
2.3 2.3
0 to 0.2
1 : Base
2 : Collector
3 : Emitter
4 : Collector
TP-FA
2SB1203S-E
2SB1203S-H
2SD1203T-E
2SD1203T-H
2SB1803S-E
2SB1803S-H
2SD1803T-E
2SD1803T-H
2SB1203S-TL-E
2SB1203S-Tl-H
2SB1203T-TL-E
2SB1203T-Tl-H
2SB1803S-TL-E
2SB1803S-Tl-H
2SB1803T-TL-E
2SB1803T-Tl-H
B1203
D1803
LOT No.
RANK
LOT No.
RANK
2,4
3
1
2SD1803
2,4
3
1
2SB1203


同様の部品番号 - 2SD1803T-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2SD1803T-E ONSEMI-2SD1803T-E Datasheet
389Kb / 10P
   Bipolar Transistor
September, 2013
2SD1803T-E ONSEMI-2SD1803T-E Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SD1803T-E ONSEMI-2SD1803T-E Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
logo
Sanyo Semicon Device
2SD1803T-E SANYO-2SD1803T-E Datasheet
519Kb / 10P
   High-Current Switching Applications
More results

同様の説明 - 2SD1803T-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com