データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC2812N6-CPA-TB-E データシート(PDF) 1 Page - ON Semiconductor

部品番号 2SC2812N6-CPA-TB-E
部品情報  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC2812N6-CPA-TB-E データシート(HTML) 1 Page - ON Semiconductor

  2SC2812N6-CPA-TB-E Datasheet HTML 1Page - ON Semiconductor 2SC2812N6-CPA-TB-E Datasheet HTML 2Page - ON Semiconductor 2SC2812N6-CPA-TB-E Datasheet HTML 3Page - ON Semiconductor 2SC2812N6-CPA-TB-E Datasheet HTML 4Page - ON Semiconductor 2SC2812N6-CPA-TB-E Datasheet HTML 5Page - ON Semiconductor 2SC2812N6-CPA-TB-E Datasheet HTML 6Page - ON Semiconductor 2SC2812N6-CPA-TB-E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
91912 TKIM/92006 MSIM TC-00000143,00000144/72602 TSIM TA-2636, 2637 No.7198-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
2SA1179N/2SC2812N
Bipolar Transistor
(–)50V, (–)150mA, Low VCE(sat), (PNP)NPN Single CPA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
Miniature package facilitates miniaturization in end products
High breakdown voltage
Specifications ( ) : 2SA1179N
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)55
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)5
V
Collector Current
IC
(--)150
mA
Collector Current (Pulse)
ICP
(--)300
mA
Base Current
IB
(--)30
mA
Collector Dissipation
PC
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7053-001
Ordering number : EN7198B
Product & Package Information
• Package
: CPA
• JEITA, JEDEC
: SC-59, TO-236, SOT-23,
TO-236AB
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TB
Marking
TB
1 : Base
2 : Emitter
3 : Collector
CPA
2.93
1.9
0.95
0.45
1.3 MAX
3
1
2
0.13
0 to 0.1
M
L
2SC2812N
2SA1179N
2SA1179N6-TB-E
2SA1179N6-CPA-TB-E
2SC2812N6-TB-E
2SC2812N6-CPA-TB-E


同様の部品番号 - 2SC2812N6-CPA-TB-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
2SC2812N SANYO-2SC2812N Datasheet
41Kb / 3P
   2SA1179N
2SC2812N SANYO-2SC2812N Datasheet
40Kb / 4P
   Low-Frequency General-Purpose Amp Applications
2SC2812N SANYO-2SC2812N Datasheet
433Kb / 7P
   Low-Frequency General-Purpose Amp Applications
More results

同様の説明 - 2SC2812N6-CPA-TB-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com