データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC87F1JJ2A データシート(PDF) 3 Page - ON Semiconductor

部品番号 LC87F1JJ2A
部品情報  8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F1JJ2A データシート(HTML) 3 Page - ON Semiconductor

  LC87F1JJ2A Datasheet HTML 1Page - ON Semiconductor LC87F1JJ2A Datasheet HTML 2Page - ON Semiconductor LC87F1JJ2A Datasheet HTML 3Page - ON Semiconductor LC87F1JJ2A Datasheet HTML 4Page - ON Semiconductor LC87F1JJ2A Datasheet HTML 5Page - ON Semiconductor LC87F1JJ2A Datasheet HTML 6Page - ON Semiconductor LC87F1JJ2A Datasheet HTML 7Page - ON Semiconductor LC87F1JJ2A Datasheet HTML 8Page - ON Semiconductor LC87F1JJ2A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LC87F1JJ2A
No.A1453-3/27
• SIO9: Synchronous serial interface
1) LSB first/MSB first mode selectable
2) Transfer clock cycle: 4/3 to 1020/3 tCYC
3) Automatic continuous data transmission (1 to 8192 bytes, specifiable in 1 byte units)
(Suspension and resumption of data transmission possible in 1 byte units or word units)
4) Auto-start-on-falling-edge function
5) Clock polarity selectable
6) CRC16 calculator circuit built in
Full Duplex UART
1) Data length: 7/8/9 bits selectable
2) Stop bits:
1 bit (2 bits in continuous transmission mode)
3) Baud rate:
16/3 to 8192/3 tCYC
AD Converter: 8 bits
× 12 channels
PWM: Multifrequency 12-bit PWM
× 2 channels
Infrared Remote Control Receiver Circuit
1) Noise rejection function (noise filter time constant: Approx. 120
μs when the 32.768kHz crystal oscillator is
selected as the base clock)
2) Supports data encoding systems such as PPM (Pulse Position Modulation) and Manchester encoding.
3) X'tal HOLD mode release function
USB Interface (host control function)
1) Compliant with full-speed (12M bps) specifications
2) Supports 4 transfer types (control transfer, bulk transfer, interrupt transfer, and isochronous transfer).
Audio Interface
1) Sampling frequency (fs):
8kHz/11.025kHz/12kHz/16kHz/22.05kHz/24kHz/32kHz/44.1kHz/48kHz
2) Master clock frequency:
256fs/384fs
3) Bit clock selectable:
48fs/64fs
4) Data bit length:
16/18/20/24 bits
5) LSB first/MSB first mode selectable
6) Left-justification/right-justification/I2S format selectable
Watchdog Timer
• Watchdog timer using external RC circuitry
• Interrupt and reset signals selectable
Clock Output Function
1) Can output a clock with a clock rate of 1/1, 1/2, 1/4, 1/8, 1/16, 1/32, or 1/64 of the source oscillator clock selected
as the system clock.
2) Can output the source oscillation clock for the subclock.


同様の部品番号 - LC87F1JJ2A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC87F1JJ2A SANYO-LC87F1JJ2A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
More results

同様の説明 - LC87F1JJ2A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com