データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC87FBK08A データシート(PDF) 4 Page - ON Semiconductor

部品番号 LC87FBK08A
部品情報  8-bit 1-chip Microcontroller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87FBK08A データシート(HTML) 4 Page - ON Semiconductor

  LC87FBK08A Datasheet HTML 1Page - ON Semiconductor LC87FBK08A Datasheet HTML 2Page - ON Semiconductor LC87FBK08A Datasheet HTML 3Page - ON Semiconductor LC87FBK08A Datasheet HTML 4Page - ON Semiconductor LC87FBK08A Datasheet HTML 5Page - ON Semiconductor LC87FBK08A Datasheet HTML 6Page - ON Semiconductor LC87FBK08A Datasheet HTML 7Page - ON Semiconductor LC87FBK08A Datasheet HTML 8Page - ON Semiconductor LC87FBK08A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LC87FBK08A
No.A1956-4/28
Standby Function
• HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation.
1) Oscillation is not halted automatically.
2) There are four ways of resetting the HALT mode.
(1) Setting the reset pin to the low level
(2) System resetting by low-voltage detection
(3) System resetting by watchdog timer
(4) Occurrence of an interrupt
• HOLD mode: Suspends instruction execution and the operation of the peripheral circuits.
1) The CF, low-/medium-/ Frequency variable RC, and crystal oscillators automatically stop operation.
Note: The oscillation of the low-speed RC oscillator is also controlled directly by the watchdog timer and its
standby-mode-time oscillation is also controlled.
2) There are five ways of resetting the HOLD mode.
(1) Setting the reset pin to the lower level.
(2) System resetting by low-voltage detection
(3) System resetting by watchdog timer
(4) Having an interrupt source established at either INT0, INT1, INT2, INT4
* INT0 and INT1 HOLD mode reset is available only when level detection is set.
(5) Having an interrupt source established at port 0.
• X'tal HOLD mode: Suspends instruction execution and the operation of the peripheral circuits except the base timer.
1) The CF, low-/medium-/ Frequency variable RC oscillators automatically stop operation.
Note: The oscillation of the low-speed RC oscillator is also controlled directly by the watchdog timer and its
standby-mode-time oscillation is also controlled.
2) The state of crystal oscillation established when the X'tal HOLD mode is entered is retained.
3) There are six ways of resetting the X'tal HOLD mode.
(1) Setting the reset pin to the low level.
(2) System resetting by watchdog timer or low-voltage detection.
(3) System resetting by watchdog timer or low-voltage detection.
(4) Having an interrupt source established at either INT0, INT1, INT2, INT4
* INT0 and INT1 HOLD mode reset is available only when level detection is set.
(5) Having an interrupt source established at port 0.
(6) Having an interrupt source established in the base timer circuit.
Note: Available only when X’tal oscillation is selected.
Onchip Debugger (flash versions only)
• Supports software debugging with the IC mounted on the target board.
• Software break point setting for debugger.
• Stepwise execution on debugger.
• Real time RAM data monitoring function on debugger.
All the RAM data map can be monitored on screen when the program is running.
(The RAM & SFR data can be changed by screen patch when the program is running)
• Two channels of on-chip debugger pins are available to be compatible with small pin count devices.
DBGP0 (P0), DBGP1 (P1)
Data Security Function (flash versions only)
• Protects the program data stored in flash memory from unauthorized read or copy.
Note: This data security function does not necessarily provide absolute data security.
Package Form
• MFP24S (300mil) : Lead-/Halogen-free type (discontinued)
• SSOP24 (225mil) : Lead-/Halogen-free type
• SSOP24 (275mil) : Lead-/Halogen-free type (build-to-order)
• VCT24 (3mm×3mm) : Lead-/Halogen-free type (build-to-order)
Development Tools
• On-chip-debugger : (1) TCB87 TypeB + LC87FBK08A
(2) TCB87 TypeC (3 wire version) + LC87FBK08A


同様の部品番号 - LC87FBK08A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC87FBK08A SANYO-LC87FBK08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
More results

同様の説明 - LC87FBK08A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com