データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC823430TA-2H データシート(PDF) 3 Page - ON Semiconductor

部品番号 LC823430TA-2H
部品情報  Audio Processing System LSI
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823430TA-2H データシート(HTML) 3 Page - ON Semiconductor

  LC823430TA-2H Datasheet HTML 1Page - ON Semiconductor LC823430TA-2H Datasheet HTML 2Page - ON Semiconductor LC823430TA-2H Datasheet HTML 3Page - ON Semiconductor LC823430TA-2H Datasheet HTML 4Page - ON Semiconductor LC823430TA-2H Datasheet HTML 5Page - ON Semiconductor LC823430TA-2H Datasheet HTML 6Page - ON Semiconductor LC823430TA-2H Datasheet HTML 7Page - ON Semiconductor LC823430TA-2H Datasheet HTML 8Page - ON Semiconductor LC823430TA-2H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LC823430TA
No.A2171-3/20
Continued from preceding page.
 Clock
- RCOSC : Internal RC oscillation. 1MHz (TYP.)
- XT1 : Main XTAL. 32.768kHz.
Used as an original oscillation of the system clock and the audio clock, and a RTC clock.
- XT2 : Optional XTAL. 12MHz (TYP) etc.
- PLL1 : For system clock generation (LPDSP32 is included).
- PLL2 : For audio clock generation
Specification
 Supply voltage : 1.3V (core, etc), 3.15V (Audio, USB, etc)
 Maximum operation frequency : 42MHz (DSP@1.3V)
 Package : 128pin TQFP
Application
 IC Recorder, Audio Player
 Radio Recorder, Home Audio (Mini compo)


同様の部品番号 - LC823430TA-2H

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
LC823433TAK-2H ONSEMI-LC823433TAK-2H Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
More results

同様の説明 - LC823430TA-2H

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
LC823450 ONSEMI-LC823450_17 Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
LC823450 ONSEMI-LC823450 Datasheet
1Mb / 55P
   Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
logo
Sanyo Semicon Device
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
logo
Sanyo Semicon Device
LC72720 SANYO-LC72720 Datasheet
235Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
logo
ON Semiconductor
BELASIGNA250 ONSEMI-BELASIGNA250 Datasheet
501Kb / 30P
   High-Performance Programmable Audio Processing System
January, 2015 ??Rev. 10
logo
Panasonic Semiconductor
MN86074 PANASONIC-MN86074 Datasheet
47Kb / 7P
   Image Processing LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com