データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC87F2608A データシート(PDF) 11 Page - ON Semiconductor

部品番号 LC87F2608A
部品情報  8-bit 1-chip microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F2608A データシート(HTML) 11 Page - ON Semiconductor

Back Button LC87F2608A Datasheet HTML 7Page - ON Semiconductor LC87F2608A Datasheet HTML 8Page - ON Semiconductor LC87F2608A Datasheet HTML 9Page - ON Semiconductor LC87F2608A Datasheet HTML 10Page - ON Semiconductor LC87F2608A Datasheet HTML 11Page - ON Semiconductor LC87F2608A Datasheet HTML 12Page - ON Semiconductor LC87F2608A Datasheet HTML 13Page - ON Semiconductor LC87F2608A Datasheet HTML 14Page - ON Semiconductor LC87F2608A Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LC87F2608A
No.A2175-11/23
Absolute Maximum Ratings at Ta=25
°C, VSS1=0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
VDD[V]
min
typ
max
unit
Maximum supply
voltage
VDD max
VDD1
-0.3
to
+6.5
V
Input voltage
VI
RES
-0.3
to
VDD+0.3
Input/output
voltage
VIO
• Port 1
• Port 3
-0.3
to
VDD+0.3
Peak output
current
IOPH(1)
Port 1
• CMOS output selected
• Per applicable pin
-7.5
mA
IOPH(2)
Port 3
• CMOS output selected
• Per applicable pin
-10
Mean output
current
(Note 1-1)
IOMH(1)
Port 1
• CMOS output selected
• Per applicable pin
-5
IOMH(2)
Port 3
• CMOS output selected
• Per applicable pin
-7.5
Total output
current
ΣIOAH(1)
• Port 10
• Ports 30, 31
Total of currents at all
applicable pins
-20
ΣIOAH(2)
• Ports 11, 12
• Ports 32, 33
Total of currents at all
applicable pins
-20
ΣIOAH(3)
• Port 1
• Port 3
Total of currents at all
applicable pins
-35
Peak output
current
IOPL(1)
Port 1
Per applicable pin
15
IOPL(2)
Port 3
Per applicable pin
10
Mean output
current
(Note 1-1)
IOML(1)
Port 1
Per applicable pin
10
IOML(2)
Port 3
Per applicable pin
7.5
Total output
current
ΣIOAL(1)
• Port 10
• Ports 30, 31
Total of currents at all
applicable pins
25
ΣIOAL(2)
• Ports 11, 12
• Ports 32, 33
Total of currents at all
applicable pins
35
ΣIOAL(3)
• Port 1
• Port 3
Total of currents at all
applicable pins
55
Power dissipation
Pd max(1)
MFP10S
• Ta=-40 to +85°C
• Independent package
100
mW
Pd max(2)
• Ta=-40 to +85°C
• Mounted on thermal test
board
(Note 1-2)
237
Pd max(3)
MFP10SK
• Ta=-40 to +85°C
• Independent package
100
Pd max(4)
• Ta=-40 to +85°C
• Mounted on thermal test
board
(Note 1-2)
237
Operating ambient
temperature
Topr
-40
to
+85
°C
Storage ambient
temperature
Tstg
-55
to
+125
Note 1-1: Mean output current refers to the average of output currents measured for a period of 100ms.
Note 1-2: Thermal test board used conforms to SEMI (size: 76.1
×114.3×1.6tmm, glass epoxy board).
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


同様の部品番号 - LC87F2608A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC87F2416A ONSEMI-LC87F2416A Datasheet
426Kb / 28P
   8-bit Microcontroller
August, 2014
LC87F2416AU-EB-2E ONSEMI-LC87F2416AU-EB-2E Datasheet
426Kb / 28P
   8-bit Microcontroller
August, 2014
logo
Sanyo Semicon Device
LC87F2708A SANYO-LC87F2708A Datasheet
140Kb / 21P
   CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F2708A ONSEMI-LC87F2708A Datasheet
235Kb / 24P
   8-bit Microcontroller
September, 2014 Ver. 1.02
More results

同様の説明 - LC87F2608A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com