データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC898213XC-MH データシート(PDF) 1 Page - ON Semiconductor

部品番号 LC898213XC-MH
部品情報  AF Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898213XC-MH データシート(HTML) 1 Page - ON Semiconductor

  LC898213XC-MH Datasheet HTML 1Page - ON Semiconductor LC898213XC-MH Datasheet HTML 2Page - ON Semiconductor LC898213XC-MH Datasheet HTML 3Page - ON Semiconductor LC898213XC-MH Datasheet HTML 4Page - ON Semiconductor LC898213XC-MH Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
31014HK No.A2251-1/5
Semiconductor Components Industries, LLC, 2014
March, 2013
http://onsemi.com
LC898213XC
Overview
This LSI is AF control LSI. It consists of 1 system of feed back circuit for AF control.
Features
 Built-in equalizer circuit using digital operation
- AF control equalize circuit
- Any coefficient can be specified by I2C I/F
 I2C Interface
 Built-in A/D converter
- Maximum 10-bit
- Input 2 channel
 Built-in D/A converter
- 8-bit
- Output 2-channel (Hall offset, Constant current Bias)
 Built-in Hall Sensor
- Si Hall sensor
 Built-in VGA
- Hall Amp
 Built-in OSC
- 48MHz (Frequency adjustment function)
 Built-in PWM pulse generator circuit
- PWM circuit for AF control
 1-chip motor driver
- Saturation drive H bridge 1 channel
 Package
- WL-CSP 11-pin
- Lead-free, halogen-free
 Supply voltage
- Logic unit : Internal core (1.7V to 1.98V), AVDD (2.6V to 3.6V)
- Driver unit : VM (2.6V to 3.6V)
Ordering number : EN*A2251
CMOS LSI
AF Controller
ORDERING INFORMATION
See detailed ordering and shipping information on page 5 of this data sheet.
* I
2C Bus is a trademark of Philips Corporation.
WLCSP11, 1.10x2.20
Advance Information
This document contains information on a new product. Specifications and information
herein are subject to change without notice.


同様の部品番号 - LC898213XC-MH

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC898212XA SANYO-LC898212XA Datasheet
55Kb / 5P
   AF Control LSI
logo
ON Semiconductor
LC898212XA ONSEMI-LC898212XA Datasheet
58Kb / 5P
   AF Control LSI
June, 2013
LC898212XC ONSEMI-LC898212XC Datasheet
129Kb / 4P
   AF Controller
November, 2013
LC898212XC-MH ONSEMI-LC898212XC-MH Datasheet
129Kb / 4P
   AF Controller
November, 2013
LC898212XD ONSEMI-LC898212XD Datasheet
168Kb / 4P
   AF Controller
November, 2013
More results

同様の説明 - LC898213XC-MH

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ENA2242 ONSEMI-ENA2242 Datasheet
168Kb / 4P
   AF Controller
November, 2013
LC898214XD ONSEMI-LC898214XD Datasheet
308Kb / 9P
   AF Controller
January 2015 - Rev. 1
ENA2328 ONSEMI-ENA2328 Datasheet
278Kb / 8P
   AF Controller
July, 2014
ENA2241 ONSEMI-ENA2241 Datasheet
129Kb / 4P
   AF Controller
November, 2013
LC898214XC ONSEMI-LC898214XC Datasheet
281Kb / 9P
   AF Controller
January 2015 - Rev. 2
LC898219XI ONSEMI-LC898219XI Datasheet
269Kb / 9P
   Auto Focus (AF) Controller
August 2017 - Rev. P0
LC898217XH ONSEMI-LC898217XH Datasheet
244Kb / 9P
   Auto Focus (AF) Controller & Driver
April 2017 - Rev. 0
LC898217XC ONSEMI-LC898217XC Datasheet
142Kb / 9P
   Auto Focus (AF) Controller & Driver
February 2016 - Rev. 0
logo
Maxim Integrated Produc...
MAX5980 MAXIM-MAX5980 Datasheet
3Mb / 49P
   Quad, IEEE 802.3at/af PSE Controller
Rev 1; 9/11
logo
ON Semiconductor
LC898123F40XC ONSEMI-LC898123F40XC_16 Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com