データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC87F2L08AU-DIP-E データシート(PDF) 2 Page - ON Semiconductor

部品番号 LC87F2L08AU-DIP-E
部品情報  8-bit Microcontroller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F2L08AU-DIP-E データシート(HTML) 2 Page - ON Semiconductor

  LC87F2L08AU-DIP-E Datasheet HTML 1Page - ON Semiconductor LC87F2L08AU-DIP-E Datasheet HTML 2Page - ON Semiconductor LC87F2L08AU-DIP-E Datasheet HTML 3Page - ON Semiconductor LC87F2L08AU-DIP-E Datasheet HTML 4Page - ON Semiconductor LC87F2L08AU-DIP-E Datasheet HTML 5Page - ON Semiconductor LC87F2L08AU-DIP-E Datasheet HTML 6Page - ON Semiconductor LC87F2L08AU-DIP-E Datasheet HTML 7Page - ON Semiconductor LC87F2L08AU-DIP-E Datasheet HTML 8Page - ON Semiconductor LC87F2L08AU-DIP-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LC87F2L08A
No.A2279-2/30
 Ports
● Normal withstand voltage I/O ports
Ports I/O direction can be designated in 1 bit units
9(P14, P15, P20, P21, P30, P70 to P73)
Ports I/O direction can be designated in 4 bit units
8 (P0n)
● Dedicated PPG ports
7 (PPGO, AMP1I, AMP2O, CMP1IA, CMP1IB,
CMP2I, CMP4I)
● Dedicated oscillator ports/input ports
2 (CF1/XT1, CF2/XT2)
● Reset pin
1 (RES#)
● Power pins
3 (VSS1, VSS2, VDD1)
 Timers
●Timer 0 : 16-bit timer/counter with a capture register.
Mode 0 :
8-bit timer with an 8-bit programmable prescaler (with an 8-bit capture register)
2 channels
Mode 1 :
8-bit timer with an 8-bit programmable prescaler (with an 8-bit capture register) + 8-bit counter
(with an 8-bit capture register)
Mode 2 :
16-bit timer with an 8-bit programmable prescaler (with a 16-bit capture register)
Mode 3 :
16-bit counter (with a 16-bit capture register)
● Timer 1 : 16-bit timer/counter
Mode 0 :
8-bit timer with an 8-bit prescaler + 8-bit timer/counter with an 8-bit prescaler
Mode 2 :
16-bit timer/counter with an 8-bit prescaler
Mode 3 :
16-bit timer with an 8-bit prescaler
● Timer 6 : 8-bit timer with a 6-bit prescaler (with toggle outputs)
● Timer 7 : 8-bit timer with a 6-bit prescaler (with toggle outputs)
● Base timer
1) The clock is selectable from the subclock (32.768 kHz crystal oscillation), system clock, and timer 0
prescaler output.
2) Interrupts are programmable in 5 different time schemes
 High-speed clock counter
● Can count clocks with a maximum clock rate of 20 MHz (at a main clock of 10 MHz).
 SIO
● SIO1 : 8-bit asynchronous/synchronous serial interface
Mode 0 :
Synchronous 8-bit serial I/O (2-wire configuration, 2 to 512 Tcyc transfer clocks)
Mode 2 :
Bus mode 1 (start bit, 8 data bits, 2 to 512 Tcyc transfer clocks)
Mode 3 :
Bus mode 2 (start detect, 8 data bits, stop detect)
 UART
● Full duplex
● 7/8/9 bit data bits selectable
● 1 stop bit (2-bit in continuous data transmission)
● Built-in baudrate generator
 AD converter : 12 bits/8 bits
 9 channels
● 12/8 bits AD converter resolution selectable
 Remote control receiver circuit (sharing pins with P73, INT3, and T0IN)
● Noise rejection function (noise filter time constant selectable from 1Tcyc/32Tcyc/128Tcyc)
 Clock output function
● Can generate clock outputs with a frequency of
1
1 ,
2
1 ,
4
1 ,
8
1 ,
16
1 ,
32
1 ,
64
1 of the source clock selected as the system
clock.
● Can generate the source clock for the subclock.


同様の部品番号 - LC87F2L08AU-DIP-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC87F2416A ONSEMI-LC87F2416A Datasheet
426Kb / 28P
   8-bit Microcontroller
August, 2014
LC87F2416AU-EB-2E ONSEMI-LC87F2416AU-EB-2E Datasheet
426Kb / 28P
   8-bit Microcontroller
August, 2014
LC87F2608A ONSEMI-LC87F2608A Datasheet
188Kb / 23P
   8-bit 1-chip microcontroller
April, 2013
logo
Sanyo Semicon Device
LC87F2708A SANYO-LC87F2708A Datasheet
140Kb / 21P
   CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
More results

同様の説明 - LC87F2L08AU-DIP-E

メーカー部品番号データシート部品情報
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com