データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM73307 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 SM73307
部品情報  Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SM73307 データシート(HTML) 1 Page - Texas Instruments

  SM73307 Datasheet HTML 1Page - Texas Instruments SM73307 Datasheet HTML 2Page - Texas Instruments SM73307 Datasheet HTML 3Page - Texas Instruments SM73307 Datasheet HTML 4Page - Texas Instruments SM73307 Datasheet HTML 5Page - Texas Instruments SM73307 Datasheet HTML 6Page - Texas Instruments SM73307 Datasheet HTML 7Page - Texas Instruments SM73307 Datasheet HTML 8Page - Texas Instruments SM73307 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SM73307
www.ti.com
SNOSB88B – JUNE 2011 – REVISED APRIL 2013
Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
Check for Samples: SM73307
1
FEATURES
DESCRIPTION
The SM73307 is a dual, low noise, low offset, CMOS
2
Unless Otherwise Noted, Typical Values at VS
input, rail-to-rail output precision amplifier with a high
= 5V.
gain bandwidth product. The SM73307 is ideal for a
Renewable Energy Grade
variety of instrumentation applications including solar
Input Offset Voltage ±150
μV (max)
photovoltaic.
Input Bias Current 100 fA
Utilizing a CMOS input stage, the SM73307 achieves
an input bias current of 100 fA, an input referred
Input Voltage Noise 5.8 nV/
√Hz
voltage noise of 5.8 nV/
√Hz, and an input offset
Gain Bandwidth Product 17 MHz
voltage of less than ±150
μV. These features make
Supply Current 1.30 mA
the
SM73307
a
superior
choice
for
precision
Supply Voltage Range 1.8V to 5.5V
applications.
THD+N @ f = 1 kHz 0.001%
Consuming only 1.30 mA of supply current per
channel, the SM73307 offers a high gain bandwidth
Operating Temperature Range
−40°C to 125°C
product of 17 MHz, enabling accurate amplification at
Rail-to-rail Output Swing
high closed loop gains.
8-Pin VSSOP Package
The SM73307 has a supply voltage range of 1.8V to
5.5V, which makes it an ideal choice for portable low
APPLICATIONS
power
applications
with
low
supply
voltage
Photovoltaic Electronics
requirements.
Active Filters and Buffers
The SM73307 is built with TI’s advanced VIP50
Sensor Interface Applications
process technology and is offered in an 8-pin VSSOP
package.
Transimpedance Amplifiers
Automotive
The SM73307 incorporates enhanced manufacturing
and support processes for the photovoltaic and
automotive
market,
including
defect
detection
methodologies. Reliability qualification is compliant
with
the
requirements
and
temperature
grades
defined in the Renewable Energy Grade and AEC-
Q100 standards.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - SM73307

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM73307 TI1-SM73307 Datasheet
970Kb / 20P
[Old version datasheet]   SM73307 Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
SM73307MM TI1-SM73307MM Datasheet
970Kb / 20P
[Old version datasheet]   SM73307 Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
SM73307MME TI1-SM73307MME Datasheet
970Kb / 20P
[Old version datasheet]   SM73307 Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
SM73307MMX TI1-SM73307MMX Datasheet
970Kb / 20P
[Old version datasheet]   SM73307 Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
More results

同様の説明 - SM73307

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMP7711 NSC-LMP7711 Datasheet
532Kb / 5P
   Precision, 17 MHz, Low Noise, CMOS Input Amplifier
logo
Texas Instruments
SM73307 TI1-SM73307 Datasheet
970Kb / 20P
[Old version datasheet]   SM73307 Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
LMP7716 TI-LMP7716_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7715 TI-LMP7715_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7712 TI-LMP7712_15 Datasheet
918Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMP7712 NSC-LMP7712 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7715 NSC-LMP7715 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
LMP7711 TI1-LMP7711 Datasheet
968Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMV791 NSC-LMV791 Datasheet
1,005Kb / 16P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifier
logo
Texas Instruments
SM73304 TI1-SM73304 Datasheet
1Mb / 22P
[Old version datasheet]   Dual and Single Precision, 17 MHz, Low Noise, CMOS Input Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com