データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM73307 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 SM73307
部品情報  Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SM73307 データシート(HTML) 3 Page - Texas Instruments

  SM73307 Datasheet HTML 1Page - Texas Instruments SM73307 Datasheet HTML 2Page - Texas Instruments SM73307 Datasheet HTML 3Page - Texas Instruments SM73307 Datasheet HTML 4Page - Texas Instruments SM73307 Datasheet HTML 5Page - Texas Instruments SM73307 Datasheet HTML 6Page - Texas Instruments SM73307 Datasheet HTML 7Page - Texas Instruments SM73307 Datasheet HTML 8Page - Texas Instruments SM73307 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
SM73307
www.ti.com
SNOSB88B – JUNE 2011 – REVISED APRIL 2013
2.5V Electrical Characteristics (continued)
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 2.5V, V= 0V ,V
O = VCM = V
+/2. Boldface limits apply
at the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
0.5
IOS
Input Offset Current
VCM = 1V
(4)
0.006
pA
50
83
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 1.4V
100
dB
80
2.0V
≤ V+ ≤ 5.5V
85
100
V= 0V, VCM = 0
80
PSRR
Power Supply Rejection Ratio
dB
1.8V
≤ V+ ≤ 5.5V
85
98
V= 0V, VCM = 0
CMRR
≥ 80 dB
−0.3
1.5
CMVR
Common Mode Voltage Range
V
CMRR
≥ 78 dB
–0.3
1.5
VO = 0.15 to 2.2V
84
92
RL = 2 kΩ to V
+/2
80
AVOL
Open Loop Voltage Gain
dB
VO = 0.15 to 2.2V
90
95
RL = 10 kΩ to V
+/2
86
70
RL = 2 kΩ to V
+/2
25
77
Output Voltage Swing
High
60
RL = 10 kΩ to V
+/2
20
66
mV from
VOUT
either rail
70
RL = 2 kΩ to V
+/2
30
73
Output Voltage Swing
Low
60
RL = 10 kΩ to V
+/2
15
62
Sourcing to V
36
52
VIN = 200 mV
(6)
30
IOUT
Output Current
mA
Sinking to V+
7.5
15
VIN = −200 mV
(6)
5.0
1.50
IS
Supply Current
Per Channel
1.10
mA
1.85
AV = +1, Rising (10% to 90%)
8.3
SR
Slew Rate
V/
μs
AV = +1, Falling (90% to 10%)
10.3
GBW
Gain Bandwidth
14
MHz
f = 400 Hz
6.8
en
Input Referred Voltage Noise Density
nV/
√Hz
f = 1 kHz
5.8
in
Input Referred Current Noise Density
f = 1 kHz
0.01
pA/
√Hz
f = 1 kHz, AV = 1, RL = 100 kΩ
0.003
VO = 0.9 VPP
THD+N
Total Harmonic Distortion + Noise
%
f = 1 kHz, AV = 1, RL = 600Ω
0.004
VO = 0.9 VPP
(6)
The short circuit test is a momentary open loop test.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SM73307


同様の部品番号 - SM73307

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM73307 TI1-SM73307 Datasheet
970Kb / 20P
[Old version datasheet]   SM73307 Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
SM73307MM TI1-SM73307MM Datasheet
970Kb / 20P
[Old version datasheet]   SM73307 Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
SM73307MME TI1-SM73307MME Datasheet
970Kb / 20P
[Old version datasheet]   SM73307 Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
SM73307MMX TI1-SM73307MMX Datasheet
970Kb / 20P
[Old version datasheet]   SM73307 Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
More results

同様の説明 - SM73307

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMP7711 NSC-LMP7711 Datasheet
532Kb / 5P
   Precision, 17 MHz, Low Noise, CMOS Input Amplifier
logo
Texas Instruments
SM73307 TI1-SM73307 Datasheet
970Kb / 20P
[Old version datasheet]   SM73307 Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
LMP7716 TI-LMP7716_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7715 TI-LMP7715_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7712 TI-LMP7712_15 Datasheet
918Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMP7712 NSC-LMP7712 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7715 NSC-LMP7715 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
LMP7711 TI1-LMP7711 Datasheet
968Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMV791 NSC-LMV791 Datasheet
1,005Kb / 16P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifier
logo
Texas Instruments
SM73304 TI1-SM73304 Datasheet
1Mb / 22P
[Old version datasheet]   Dual and Single Precision, 17 MHz, Low Noise, CMOS Input Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com