データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA4425AN データシート(PDF) 2 Page - ON Semiconductor

部品番号 LA4425AN
部品情報  5W Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA4425AN データシート(HTML) 2 Page - ON Semiconductor

  LA4425AN Datasheet HTML 1Page - ON Semiconductor LA4425AN Datasheet HTML 2Page - ON Semiconductor LA4425AN Datasheet HTML 3Page - ON Semiconductor LA4425AN Datasheet HTML 4Page - ON Semiconductor LA4425AN Datasheet HTML 5Page - ON Semiconductor LA4425AN Datasheet HTML 6Page - ON Semiconductor LA4425AN Datasheet HTML 7Page - ON Semiconductor LA4425AN Datasheet HTML 8Page - ON Semiconductor LA4425AN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LA4425AN
http://www.onsemi.com
2
Operating Conditions at Ta = 25
C,
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply
voltage
VCC
13.2
V
Recommended load
resistance
RL
4
Operating voltage range
VCC op
5 to 16
V
Operating load resistance
range
RL op
Under conditions where maximum
ratings are not exceeded
2 to 8
Electrical Characteristics at Ta
 25C, VCC = 13.2V, RL = 4, f = 1 kHz, Rg = 600,
specified board/specified circuit, 30
301.5mm3 thick aluminum used
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Quiescent current
ICCO
65
130
mA
Voltage gain
VG
VO = 0dBm
43
45
47
dB
Output power
PO1
13.2 V / 4
, THD = 10%
4
5
W
PO2
14.4 V / 4
, THD = 10%
5
6
W
Total harmonic distortion
THD
VO = 2V
0.1
1.0
%
Output noise voltage
VNO
Rg = 0, BPF = 20 Hz to 20 kHz
30
40
dB
Ripple rejection ratio
SVRR1
Rg = 0, BPF = 20 Hz to 20 kHz
VR = 0dBm, fR = 100Hz
30
40
dB
SVRR2
Rg = 0, BPF = 20 Hz to 20 kHz
VR = 0dBm, fR = 100 Hz
47
dB
Over-voltage attack
VCCX
Rg = 0
21.5
V
Starting time
tS
0.35
s
Input resistance
RIN
50
k
Roll-off frequency
fL
40
Hz
fH
90
kHz
Thermal operating
temperature
Tc
125
C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


同様の部品番号 - LA4425AN

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA4425A SANYO-LA4425A Datasheet
162Kb / 8P
   5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
LA4425A SANYO-LA4425A Datasheet
105Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
logo
ON Semiconductor
LA4425A ONSEMI-LA4425A Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
LA4425A ONSEMI-LA4425A Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
LA4425A-E ONSEMI-LA4425A-E Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
More results

同様の説明 - LA4425AN

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ENA2011A ONSEMI-ENA2011A Datasheet
371Kb / 8P
   5W Power Amplifier
June, 2013
EN3309D ONSEMI-EN3309D Datasheet
103Kb / 9P
   5W Power Amplifier
June, 2013
logo
STMicroelectronics
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
   5W5W AMPLIFIER
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
   5W5W AMPLIFIER
logo
Sanyo Semicon Device
LA42031-E SANYO-LA42031-E Datasheet
89Kb / 7P
   5W Monaural Power Amplifier
logo
National Semiconductor ...
LM384 NSC-LM384 Datasheet
152Kb / 7P
   5W Audio Power Amplifier
logo
Sanyo Semicon Device
STK4332 SANYO-STK4332 Datasheet
460Kb / 6P
   AF Power Amplifier (5W 5W min, THD = 1.0%)
logo
Rohm
BA5406 ROHM-BA5406 Datasheet
137Kb / 5P
   12V / 5W dual power amplifier
logo
Panasonic Semiconductor
AN7131 PANASONIC-AN7131 Datasheet
200Kb / 4P
   5W AUDIO POWER AMPLIFIER CIRCUIT
logo
Texas Instruments
LM384 TI-LM384_15 Datasheet
339Kb / 12P
[Old version datasheet]   LM384 5W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com